Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-8203AAA-TCT1U Datasheet(PDF) 6 Page - Seiko Instruments Inc

Part # S-8203AAA-TCT1U
Description  BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-8203AAA-TCT1U Datasheet(HTML) 6 Page - Seiko Instruments Inc

Back Button S-8203AAA-TCT1U Datasheet HTML 2Page - Seiko Instruments Inc S-8203AAA-TCT1U Datasheet HTML 3Page - Seiko Instruments Inc S-8203AAA-TCT1U Datasheet HTML 4Page - Seiko Instruments Inc S-8203AAA-TCT1U Datasheet HTML 5Page - Seiko Instruments Inc S-8203AAA-TCT1U Datasheet HTML 6Page - Seiko Instruments Inc S-8203AAA-TCT1U Datasheet HTML 7Page - Seiko Instruments Inc S-8203AAA-TCT1U Datasheet HTML 8Page - Seiko Instruments Inc S-8203AAA-TCT1U Datasheet HTML 9Page - Seiko Instruments Inc S-8203AAA-TCT1U Datasheet HTML 10Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
S-8203A Series
Rev.1.0_00
6
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Applied Pin
Absolute Maximum Rating
Unit
Input voltage between VDD pin and
VSS pin
VDS
VDD
VSS
− 0.3 to VSS + 28
V
Input pin voltage 1
VIN1
VC1, VC2, VC3, VC4, NPI,
CTLC, CTLD, CCT, CDT, CIT
VSS
− 0.3 to VDD + 0.3
V
Input pin voltage 2
VIN2
VM, VINI
VDD
− 28 to VDD + 0.3
V
DO pin output voltage
VDO
DO
VSS
− 0.3 to VDD + 0.3
V
CO pin input and output voltage
VCO
CO
VDD
− 28 to VDD + 0.3
V
Power dissipation
PD
1100
*1
mW
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
*1. When mounted on board
[Mounted board]
(1) Board size:
114.3 mm
× 76.2 mm × t1.6 mm
(2) Board name:
JEDEC STANDARD51-7
Caution The absolute maximum ratings are rated values exceeding which the product could suffer physical
damage. These values must therefore not be exceeded under any conditions.
0
50
100
150
800
400
0
Ambient Temperature (Ta) [
°C]
1000
600
200
1200
Figure 3 Power Dissipation of Package (When Mounted on Board)


Similar Part No. - S-8203AAA-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8203AAA-TCT1U ABLIC-S-8203AAA-TCT1U Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
More results

Similar Description - S-8203AAA-TCT1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-8203A ABLIC-S-8203A Datasheet
696Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIES CELL PACK
Rev.1.1_00
logo
Seiko Instruments Inc
S-8233A SII-S-8233A Datasheet
646Kb / 30P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C Datasheet
568Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B_1 Datasheet
360Kb / 26P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233C SII-S-8233C_1 Datasheet
392Kb / 27P
   BATTERY PROTECTION IC FOR 3-SERIAL-CELL PACK
S-8233B SII-S-8233B Datasheet
232Kb / 26P
   BATTERY PROTECTION IC (FOR A 3-SERIAL-CELL PACK)
logo
E-CMOS Corporation
EC9527A E-CMOS-EC9527A Datasheet
486Kb / 13P
   Protection IC for 1-Cell Battery Pack
logo
Seiko Instruments Inc
S8240A SII-S8240A Datasheet
1Mb / 38P
   BATTERY PROTECTION IC FOR 1-CELL PACK
logo
Neotec Semiconductor Lt...
NT1715B NEOTEC-NT1715B Datasheet
250Kb / 4P
   Battery Protection IC for 1-Cell Pack
V1.13
logo
ABLIC Inc.
S-82C1F ABLIC-S-82C1F Datasheet
843Kb / 42P
   BATTERY PROTECTION IC FOR 1-CELL PACK
Rev.1.3_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com