Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5718 Datasheet(PDF) 16 Page - Seiko Instruments Inc

Part No. S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
Download  28 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SII [Seiko Instruments Inc]
Homepage  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 16 Page - Seiko Instruments Inc

Back Button S5718 Datasheet HTML 12Page - Seiko Instruments Inc S5718 Datasheet HTML 13Page - Seiko Instruments Inc S5718 Datasheet HTML 14Page - Seiko Instruments Inc S5718 Datasheet HTML 15Page - Seiko Instruments Inc S5718 Datasheet HTML 16Page - Seiko Instruments Inc S5718 Datasheet HTML 17Page - Seiko Instruments Inc S5718 Datasheet HTML 18Page - Seiko Instruments Inc S5718 Datasheet HTML 19Page - Seiko Instruments Inc S5718 Datasheet HTML 20Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
S-5718 Series
Rev.1.1_00
16
6. Timing chart for detection pole switching
During awake mode time (tAW), this IC detects the SWP pin input voltage (VIN), and the detection pole switches when
tAW ends. Figure 21 and Figure 22 show the timing chart for switching from N pole detection to S pole detection
when magnetic flux density (B)
> BOPS in active "L" products.
When VIN changes during sleep mode time (tSL) between tAW<1> and tAW<2> and does not change during tAW<2>, this
IC outputs the output voltage (VOUT) according to the detection pole when tAW<2> ends.
tAW
tSWP
tAW
tSL
tCYCLE
Time
Time
Current consumption (IDD)
SWP pin input voltage (VIN)
VSS
VDD
× 0.15
VDD
× 0.85
VDD
VIH
VIL
Input current (IIN)
Time
IIH
IIL
VOH
Output voltage (VOUT)
VOL
Time
"H"
"L"
<1>
<2>
Figure 21 When VIN does not Change during tAW<2>


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn