Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5718 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part No. S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S5718 Datasheet HTML 3Page - Seiko Instruments Inc S5718 Datasheet HTML 4Page - Seiko Instruments Inc S5718 Datasheet HTML 5Page - Seiko Instruments Inc S5718 Datasheet HTML 6Page - Seiko Instruments Inc S5718 Datasheet HTML 7Page - Seiko Instruments Inc S5718 Datasheet HTML 8Page - Seiko Instruments Inc S5718 Datasheet HTML 9Page - Seiko Instruments Inc S5718 Datasheet HTML 10Page - Seiko Instruments Inc S5718 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
LOWVOLTAGEOPERATIONOMNIPOLAR/UNIPOLARDETECTIONTYPEHALLEFFECTSWITCHICWITHSWITCHABLEDETECTIONPOLEFUNCTION
Rev.1.1_00
S-5718 Series
7
3. S-5718Cxxxx
Table 8
(Ta =
+25°C, VDD = 1.8 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
1.45
1.8
3.6
V
S-5718CCSx0
1.6
1.8
3.6
V
Current consumption
IDD
Average value
12.0
22.0
μA1
High level input voltage
VIH
VDD
× 0.85
VDD
V
2
Medium level input voltage
VIM
VDD
× 0.45
VDD
× 0.55
V
2
Low level input voltage
VIL
VSS
VDD
× 0.15
V
2
High level output voltage
VOH
IOUT =
−0.5 mA
VDD
− 0.4
V
3
Low level output voltage
VOL
IOUT = 0.5 mA
0.4
V
4
High level input current
IIH
Peak value
9
18
36
μA
5
Low level input current
IIL
Peak value
−36
−18
−9
μA
6
Awake mode time
tAW
0.1
ms
Sleep mode time
tSL
5.6
ms
Operating cycle
tCYCLE
tAW
+ tSL
5.7
12.0
ms
Detection pole switching time
tSWP
5.7
24.0
ms


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn