Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5718 Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part No. S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S5718 Datasheet HTML 1Page - Seiko Instruments Inc S5718 Datasheet HTML 2Page - Seiko Instruments Inc S5718 Datasheet HTML 3Page - Seiko Instruments Inc S5718 Datasheet HTML 4Page - Seiko Instruments Inc S5718 Datasheet HTML 5Page - Seiko Instruments Inc S5718 Datasheet HTML 6Page - Seiko Instruments Inc S5718 Datasheet HTML 7Page - Seiko Instruments Inc S5718 Datasheet HTML 8Page - Seiko Instruments Inc S5718 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LOWVOLTAGEOPERATIONOMNIPOLAR/UNIPOLARDETECTIONTYPEHALLEFFECTSWITCHICWITHSWITCHABLEDETECTIONPOLEFUNCTION
Rev.1.1_00
S-5718 Series
5
Pin Configuration
1. SNT-4A
4
3
2
1
Top view
Figure 2
Table 3
Pin No.
Symbol
Pin Description
1
VDD
Power supply pin
2
VSS
GND pin
3
SWP
Detection pole switching pin
*1
4
OUT
Output pin
*1. For details, refer to "3. Basic operation" in " Operation".
Absolute Maximum Ratings
Table 4
(Ta =
+25°C unless otherwise specified)
Item
Symbol
Applicable Pin
Absolute Maximum Rating
Unit
Power supply voltage
VDD
VSS
− 0.3 to VSS + 7.0
V
Input voltage
VIN
SWP
VSS
− 0.3 to VDD + 0.3
V
Output current
IOUT
OUT
±1.0
mA
Output voltage
VOUT
OUT
VSS
− 0.3 to VDD + 0.3
V
Operation ambient temperature
Topr
−40 to +85
°C
Storage temperature
Tstg
−40 to +125
°C
Caution The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Thermal Resistance Value
Table 5
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Junction-to-ambient thermal
resistance
*1
θja
SNT-4A
Board A
300
°C/W
Board B
242
°C/W
Board C
°C/W
Board D
°C/W
Board E
°C/W
*1.
Test environment: Compliant with JEDEC STANDARD JESD51-2A
Remark Refer to " Power Dissipation" and "Test Board" for details.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn