Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5718 Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part No. S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S5718 Datasheet HTML 1Page - Seiko Instruments Inc S5718 Datasheet HTML 2Page - Seiko Instruments Inc S5718 Datasheet HTML 3Page - Seiko Instruments Inc S5718 Datasheet HTML 4Page - Seiko Instruments Inc S5718 Datasheet HTML 5Page - Seiko Instruments Inc S5718 Datasheet HTML 6Page - Seiko Instruments Inc S5718 Datasheet HTML 7Page - Seiko Instruments Inc S5718 Datasheet HTML 8Page - Seiko Instruments Inc S5718 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LOWVOLTAGEOPERATIONOMNIPOLAR/UNIPOLARDETECTIONTYPEHALLEFFECTSWITCHICWITHSWITCHABLEDETECTIONPOLEFUNCTION
Rev.1.1_00
S-5718 Series
3
Product Name Structure
1. Product name
S-5718 x C x x x - I4T1 U
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package abbreviation and packing specifications
*1
I4T1: SNT-4A, Tape
Magnetic sensitivity
*2
0:
BOP = 1.8 mT typ.
1:
BOP = 3.0 mT typ.
2:
BOP = 4.5 mT typ.
Output logic
L:
Active "L"
H:
Active "H"
Hysteresis width
*2
S:
Standard
W:
Wide
Output form
C:
CMOS output
Operating cycle
A:
tCYCLE = 102.1 ms typ.
B:
tCYCLE = 50.5 ms typ.
C:
tCYCLE = 5.7 ms typ.
*1. Refer to the tape drawing.
*2. Magnetic sensitivity and hysteresis width combinations are as follows.
Magnetic Sensitivity
Hysteresis Width
S (Standard)
W (Wide)
0 (BOP = 1.8 mT typ.)
BHYS = 0.7 mT typ.
1 (BOP = 3.0 mT typ.)
BHYS = 0.8 mT typ.
BHYS = 1.3 mT typ.
2 (BOP = 4.5 mT typ.)
BHYS = 1.0 mT typ.
BHYS = 2.5 mT typ.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SNT-4A
PF004-A-P-SD
PF004-A-C-SD
PF004-A-R-SD
PF004-A-L-SD


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn