Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

S5718 Datasheet(PDF) 20 Page - Seiko Instruments Inc

Part No. S5718
Description  LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S5718 Datasheet(HTML) 20 Page - Seiko Instruments Inc

Back Button S5718 Datasheet HTML 16Page - Seiko Instruments Inc S5718 Datasheet HTML 17Page - Seiko Instruments Inc S5718 Datasheet HTML 18Page - Seiko Instruments Inc S5718 Datasheet HTML 19Page - Seiko Instruments Inc S5718 Datasheet HTML 20Page - Seiko Instruments Inc S5718 Datasheet HTML 21Page - Seiko Instruments Inc S5718 Datasheet HTML 22Page - Seiko Instruments Inc S5718 Datasheet HTML 23Page - Seiko Instruments Inc S5718 Datasheet HTML 24Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
S-5718 Series
Rev.1.1_00
20
2. Current consumption, operating cycle
2. 1 S-5718Cxxxx
2. 1. 1 Current consumption (IDD)
vs. Temperature (Ta)
2. 1. 2 Current consumption (IDD)
vs. Power supply voltage (VDD)
0
5
10
15
20
25
30
−40
+85
−25
0
+25
+50
+75
Ta [°C]
VDD = 1.45 V
VDD = 1.6 V
VDD = 1.8 V
VDD = 3.6 V
1.0
4.0
2.0
1.5
2.5
3.0
3.5
VDD [V]
0
5
10
15
20
25
30
Ta =
85°C
Ta =
25°C
Ta =
40°C
2. 1. 3 Operating cycle (tCYCLE)
vs. Temperature (Ta)
2. 1. 4 Operating cycle (tCYCLE)
vs. Power supply voltage (VDD)
+85
−25
0
+25
+50
+75
Ta [°C]
0
2
12
10
8
6
4
−40
VDD = 1.45 V
VDD = 3.6 V
VDD = 1.8 V
VDD = 1.6 V
1.0
4.0
2.0
1.5
2.5
3.0
3.5
VDD [V]
0
2
12
10
8
6
4
Ta =
25°C
Ta =
40°C
Ta =
85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn