Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMPD10200L Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SMPD10200L
Description  200V, 10A Low VF Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SMPD10200L Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SMPD10200L Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SMPD10200L Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SMPD10200L
200V, 10A
Low VF Schottky Barrier Rectifiers
10-Jul-2017 Rev. C
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
CHARACTERISTIC CURVES


Similar Part No. - SMPD10200L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD10200L SECOS-SMPD10200L Datasheet
138Kb / 2P
   Low VF Schottky Barrier Rectifiers
SMPD10200L SECOS-SMPD10200L_18 Datasheet
138Kb / 2P
   Low VF Schottky Barrier Rectifiers
More results

Similar Description - SMPD10200L

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMPD15200L SECOS-SMPD15200L Datasheet
225Kb / 2P
   200V, 15A Low VF Schottky Barrier Rectifiers
SMPD10120L SECOS-SMPD10120L Datasheet
225Kb / 2P
   120V, 10A Low VF Schottky Barrier Rectifiers
SMPD1045L SECOS-SMPD1045L Datasheet
183Kb / 2P
   45V, 10A Low VF Schottky Barrier Rectifiers
SMPD10150L SECOS-SMPD10150L Datasheet
225Kb / 2P
   150V, 10A Low VF Schottky Barrier Rectifiers
SMPD10100L SECOS-SMPD10100L Datasheet
246Kb / 2P
   100V, 10A Low VF Schottky Barrier Rectifiers
SMPD1060L SECOS-SMPD1060L Datasheet
215Kb / 2P
   60V, 10A Low VF Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBRD1040 DIODES-MBRD1040 Datasheet
62Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30282 Rev. 3 - 2
SBM1040 DIODES-SBM1040 Datasheet
65Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30255 Rev. F-2
PDS1040L DIODES-PDS1040L Datasheet
97Kb / 3P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 8 - 2
PDS1040L DIODES-PDS1040L_10 Datasheet
102Kb / 5P
   10A LOW VF SCHOTTKY BARRIER RECTIFIER
DS30486 Rev. 11 - 2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com