Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK10 Datasheet(PDF) 2 Page - Littelfuse

Part # AK10
Description  Silicon Avalanche Diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

AK10 Datasheet(HTML) 2 Page - Littelfuse

  AK10 Datasheet HTML 1Page - Littelfuse AK10 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Silicon Avalanche Diodes
315
www .littelfuse .com
AK10 Series
®
1.27(0.050")
14.48(0.050")
3.68(0.145")
2.24(0.088")
12.70(0.50")
24.15(0.95")
Dim. A
Dim. L1
Dim. L1
Part Number
Dim.
L1
Dim.
A
mm
in.
mm
in.
8.13
0.320
8.13
8.13
0.320
0.320
7.87
0.310
7.87
7.87
0.310
0.310
AK10-170C
AK10-190C
AK10-058C
AK10-240C
11.4
0.645
N/A
N/A
AK10-380C
16.5
0.650
3.81
0.150
RoHS


Similar Part No. - AK10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
AK10 LITTELFUSE-AK10 Datasheet
188Kb / 3P
   Transient Voltage Suppression Diodes
logo
Shanghai Semitech Semic...
AK10 SEMITECH-AK10 Datasheet
101Kb / 2P
   Excellent clamping capability
logo
Shenzhen Luguang Electr...
AK10 LUGUANG-AK10 Datasheet
943Kb / 4P
   TransientVoltage Suppression Diodes
AK10-015C LUGUANG-AK10-015C Datasheet
943Kb / 4P
   TransientVoltage Suppression Diodes
logo
HuaXinAn Electronics CO...
AK10-015C HUAXINAN-AK10-015C Datasheet
348Kb / 2P
   8x20uS 10KA Transient Voltage Suppressors
More results

Similar Description - AK10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
PP6KE6.8 LITTELFUSE-PP6KE6.8 Datasheet
406Kb / 5P
   Silicon Avalanche Diodes - Silicon Avalanche Diodes
1KSMBJ47CA LITTELFUSE-1KSMBJ47CA Datasheet
217Kb / 4P
   Silicon Avalanche Diodes
logo
New Jersey Semi-Conduct...
1N56 NJSEMI-1N56 Datasheet
256Kb / 2P
   Silicon Avalanche Diodes
logo
Littelfuse
1.5KE150 LITTELFUSE-1.5KE150 Datasheet
126Kb / 4P
   Silicon Avalanche Diodes
SMBJ28AHE3 LITTELFUSE-SMBJ28AHE3 Datasheet
235Kb / 4P
   Silicon Avalanche Diodes
logo
MDE Semiconductor, Inc.
SMD15KPA17A MDE-SMD15KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
SMD30KPA17A MDE-SMD30KPA17A_13 Datasheet
259Kb / 1P
   SILICON-AVALANCHE HIGH SURGE DIODES
logo
Shenzhen Luguang Electr...
R2K LUGUANG-R2K Datasheet
266Kb / 2P
   Avalanche Diodes
R2KN LUGUANG-R2KN Datasheet
289Kb / 2P
   Avalanche Diodes
R2G LUGUANG-R2G Datasheet
134Kb / 2P
   Avalanche Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com