Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IS41LV16100-60TL Datasheet(PDF) 6 Page - Integrated Silicon Solution, Inc

Part # IS41LV16100-60TL
Description  1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS41LV16100-60TL Datasheet(HTML) 6 Page - Integrated Silicon Solution, Inc

Back Button IS41LV16100-60TL Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS41LV16100-60TL Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS41LV16100-60TL Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS41LV16100-60TL Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS41LV16100-60TL Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS41LV16100-60TL Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS41LV16100-60TL Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS41LV16100-60TL Datasheet HTML 9Page - Integrated Silicon Solution, Inc IS41LV16100-60TL Datasheet HTML 10Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
IS41C16100
IS41LV16100
6
Integrated Silicon Solution, Inc. — www.issi.com — 1-800-379-4774
Rev. I
04/16/03
ISSI®
ELECTRICAL CHARACTERISTICS(1)
(Recommended Operating Conditions unless otherwise noted.)
Symbol
Parameter
Test Condition
Speed
Min.
Max.
Unit
IIL
Input Leakage Current
Any input 0V
≤ VIN ≤ Vcc
–5
5
µA
Other inputs not under test = 0V
IIO
Output Leakage Current
Output is disabled (Hi-Z)
–5
5
µA
0V
≤ VOUT ≤ Vcc
VOH
Output High Voltage Level
IOH = –5.0 mA (5V)
2.4
V
IOH = –2.0 mA (3.3V)
VOL
Output Low Voltage Level
IOL = 4.2 mA (5V)
0.4
V
IOL = 2.0 mA (3.3V)
ICC1
Standby Current: TTL
RAS, LCAS, UCAS
≥ VIH Commerical 5V
3
mA
3.3V
3
Industrial
5V
4
mA
3.3V
4
ICC2
Standby Current: CMOS
RAS, LCAS, UCAS
≥ VCC – 0.2V
5V
2
mA
3.3V
2
ICC3
Operating Current:
RAS, LCAS, UCAS,
-50
160
mA
Random Read/Write(2,3,4)
Address Cycling, tRC = tRC (min.)
-60
145
Average Power Supply Current
ICC4
Operating Current:
RAS = VIL, LCAS, UCAS,
-50
90
mA
EDO Page Mode(2,3,4)
Cycling tPC = tPC (min.)
-60
80
Average Power Supply Current
ICC5
Refresh Current:
RAS Cycling, LCAS, UCAS
≥ VIH
-50
160
mA
RAS-Only(2,3)
tRC = tRC (min.)
-60
145
Average Power Supply Current
ICC6
Refresh Current:
RAS, LCAS, UCAS Cycling
-50
160
mA
CBR(2,3,5)
tRC = tRC (min.)
-60
145
Average Power Supply Current
Notes:
1. An initial pause of 200 µs is required after power-up followed by eight
RAS refresh cycles (RAS-Only or CBR) before proper device
operation is assured. The eight
RAS cycles wake-up should be repeated any time the tREF refresh requirement is exceeded.
2. Dependent on cycle rates.
3. Specified values are obtained with minimum cycle time and the output open.
4. Column-address is changed once each EDO page cycle.
5. Enables on-chip refresh and address counters.


Similar Part No. - IS41LV16100-60TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41LV16100-60TLI ISSI-IS41LV16100-60TLI Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
More results

Similar Description - IS41LV16100-60TL

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS41C16100 ISSI-IS41C16100_05 Datasheet
169Kb / 23P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Circuit Solu...
IS41LV16100S ICSI-IS41LV16100S Datasheet
533Kb / 20P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100A ICSI-IC41C16100A Datasheet
231Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IC41C16100S ICSI-IC41C16100S Datasheet
672Kb / 21P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
Integrated Silicon Solu...
IS41LV16100A ISSI-IS41LV16100A Datasheet
144Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
IS41LV16100B ISSI-IS41LV16100B Datasheet
143Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
41LV16100B ISSI-41LV16100B Datasheet
145Kb / 22P
   1M x 16 (16-MBIT) DYNAMIC RAM WITH EDO PAGE MODE
logo
AMIC Technology
A42U0616 AMICC-A42U0616 Datasheet
278Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A42L0616 AMICC-A42L0616 Datasheet
356Kb / 24P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
A420616 AMICC-A420616 Datasheet
272Kb / 25P
   1M X 16 CMOS DYNAMIC RAM WITH EDO PAGE MODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com