Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS5273 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # ADS5273
Description  8-Channel, 12-Bit, 70MSPS ADC with Serialized LVDS Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS5273 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS5273 Datasheet HTML 2Page - Burr-Brown (TI) ADS5273 Datasheet HTML 3Page - Burr-Brown (TI) ADS5273 Datasheet HTML 4Page - Burr-Brown (TI) ADS5273 Datasheet HTML 5Page - Burr-Brown (TI) ADS5273 Datasheet HTML 6Page - Burr-Brown (TI) ADS5273 Datasheet HTML 7Page - Burr-Brown (TI) ADS5273 Datasheet HTML 8Page - Burr-Brown (TI) ADS5273 Datasheet HTML 9Page - Burr-Brown (TI) ADS5273 Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
ADS5273
SBAS305A − JANUARY 2004 − REVISED FEBRUARY 2004
www.ti.com
6
SERIAL INTERFACE TIMING
ADDRESS
DATA
DESCRIPTION
REMARKS
D7
D6
D5
D4
D3
D2
D1
D0
0
0
0
0
0. LVDS BUFFERS
0
0
Normal ADC Output
0
1
Deskew Pattern
Patterns Get Reversed in MSB First
Mode of LVDS
1
0
Sync Pattern
Patterns Get Reversed in MSB First
Mode of LVDS
1
1
Custom Pattern
Mode of LVDS
0
0
Output Current in LVDS = 3.5mA
0
1
Output Current in LVDS = 2.5mA
1
0
Output Current in LVDS = 4.5mA
1
1
Output Current in LVDS = 6.0mA
0
0
0
1
1. LSB/MSB MODE
D3
D2
D1
D0
0
X
X
1
2X LVDS Clock Input Current
0
0
X
X
LSB Mode
0
1
X
X
MSB Mode
0
0
1
0
2. POWER-DOWN ADC CHANNELS
D3
D2
D1
D0
X
X
X
X
Power-Down Channels 1 to 4; D3 is
for Channel 4 and D0 for Channel 1
Example: 1010 Powers Down
Channels 4 and 2 and Keeps
Channels 1 and 3 Alive
0
0
1
1
3. POWER-DOWN ADC CHANNELS
D3
D2
D1
D0
X
X
X
X
Power-Down Channels 5 to 8; D3 is
for Channel 8 and D0 for Channel 5
CUSTOM PATTERN (registers 4-6)
D3
D2
D1
D0
0
1
0
0
MSB
X
X
X
0
1
0
1
X
X
X
X
Bits for Custom Pattern
0
1
1
0
X
X
X
LSB
Bits for Custom Pattern
TEST PATTERNS(1)
Deskew
101010101010
Sync
000000111111
Custom
Any 12-bit pattern that is defined in the custom pattern registers 4 to 6.
(1) Default is LSB first. If MSB is selected the above patterns will be reversed.


Similar Part No. - ADS5273

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5273 TI-ADS5273 Datasheet
1Mb / 28P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter with Serial LVDS Interface
ADS5273 TI1-ADS5273 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5273 TI1-ADS5273 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS5273IPFP TI1-ADS5273IPFP Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS5273IPFPG4 TI1-ADS5273IPFPG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
More results

Similar Description - ADS5273

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS5272 BURR-BROWN-ADS5272 Datasheet
246Kb / 16P
   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
ADS5271 BURR-BROWN-ADS5271 Datasheet
537Kb / 19P
   8-Channel, 12-Bit, 50MSPS ADC with Serial LVDS Interface
ADS5270 BURR-BROWN-ADS5270 Datasheet
439Kb / 18P
   8-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5272 TI1-ADS5272_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 65MSPS ADC with Serial LVDS Interface
logo
Burr-Brown (TI)
ADS5240 BURR-BROWN-ADS5240 Datasheet
418Kb / 24P
   4-Channel, 12-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Texas Instruments
ADS5275 TI-ADS5275 Datasheet
303Kb / 20P
[Old version datasheet]   8-Channel, 10-Bit, 40MSPS ADC with Serial LVDS Interface
logo
Linear Technology
LTC2309 LINER-LTC2309 Datasheet
598Kb / 20P
   8-Channel, 12-Bit SAR ADC with I2C Interface
LTC2309 LINER-LTC2309_15 Datasheet
1Mb / 26P
   8-Channel, 12-Bit SAR ADC with IC Interface
logo
Texas Instruments
ADS6425 TI-ADS6425 Datasheet
1Mb / 56P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6425 TI1-ADS6425_14 Datasheet
2Mb / 60P
[Old version datasheet]   QUAD CHANNEL, 12-BIT, 125-MSPS ADC WITH SERIAL LVDS INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com