Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD7312 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AD7312
Description  1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AD7312 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AD7312 Datasheet HTML 1Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 2Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 3Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 4Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 5Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 6Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 7Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 8Page - List of Unclassifed Manufacturers AD7312 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AD7312
1/4 to 1/11 Duty VFD Controller/Driver & Standby Master/Slave (Preliminary)
This datasheet contains new product information. Anachip Corp. reserves the rights to modify the product specification without notice. No liability is assumed as a result of the use of
this product. No rights under any patent accompany the sale of the product.
Rev. A2 Dec 29, 2003
1/12
Features
˙
Serial interface (CLK, STB, DIN, DOUT)
˙
Key scanning (6× 4 matrices)
˙Programming display modes (11-digit &
11-segment to 6-digit & 16-segment)
˙
Programming dimming step
˙
High-voltage output (VDD-35V max).
˙
2 channels LED ports.
˙
2-pin General-purpose input port
˙
Built-in oscillator
˙
No external resistor necessary for driver outputs
(provides PMOS open-drain and pull-low resistor
output)
˙
Remote signal input port
˙Remote signal output port
˙
3 STANDBY master output ports (controlled by
remote STANDBY-KEY, STANDBY-KEY and
STANDBY SCAN-KEY)
˙
8 WAKE UP master output ports (controlled by 2
remote WAKE_UP-KEY, 3 WAKE_UP
SCAN-KEY, remote STANDBY-KEY,
STANDBY-KEY and STANDBY SCAN-KEY)
˙
NEC 6121/6122 infrared protocol support
General Description
The AD7312 is a VFD (Vacuum Fluorescent Display) controller/driver with STANDBY controller. It is driven
on a 1/4 to 1/11 duty factor (include key scan). It consists of 5 segment output lines, 6 segment/key scan
output lines, 6 grid output lines, 5 segment/grid output drive lines, 2 LED output ports, a display memory, a
control circuit, and a key scan circuit. In addition, it includes 2 input ports, RMIN and SKEY, RMIN receives
the signal form the STANDBY-KEY of remote sensor, SKEY can be controlled by an external switch. Both of
them and STANBY SCAN-KEY can control the output level (High) of PSV port to realize the STANDBY
function. To leave the standby mode, we can use the 2 remote WAKE_UP-KEY, 3 WAKE_UP SCAN-KEY,
remote STANDBY-KEY, STANDBY-KEY and STANDBY SCAN-KEY to control the output level (Low) of PSV
port to realize the Wake Up function. Serial data is input to the AD7312 through a four-line serial interface.


Similar Part No. - AD7312

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7314 AD-AD7314 Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
AD7314 AD-AD7314 Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
AD7314 AD-AD7314 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
AD7314ARM AD-AD7314ARM Datasheet
97Kb / 8P
   Low-Voltage, 10-Bit Digital Temperature Sensor in 8-Lead uSOIC
REV. 0
AD7314ARM AD-AD7314ARM Datasheet
164Kb / 8P
   Low Voltage, 10-Bit Digital Temperature Sensor in 8-Lead MSOP
REV. A
More results

Similar Description - AD7312

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312_06 Datasheet
327Kb / 24P
   1/4 to 1/11-duty VFD controller/driver
logo
List of Unclassifed Man...
AD16312 ETC-AD16312 Datasheet
184Kb / 11P
   1/4- TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
STMicroelectronics
STM86312 STMICROELECTRONICS-STM86312 Datasheet
434Kb / 16P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
List of Unclassifed Man...
AD6312 ETC-AD6312 Datasheet
226Kb / 13P
   1/4- to 1/11 Duty VFD Controller/Driver
TP6312 ETC2-TP6312 Datasheet
497Kb / 9P
   1/4 TO 1/11-DUTY VFD CONTROLLER/DRIVER
logo
NEC
UPD16312 NEC-UPD16312 Datasheet
143Kb / 20P
   1/4- to 1/11-DUTY FIPTM VFD CONTROLLER/DRIVER
logo
Silan Microelectronics ...
SC16312 SILAN-SC16312 Datasheet
164Kb / 12P
   1/4 to 1/11 DUTY FIP(VFD) CONTROLLER/DRIVER
logo
Renesas Technology Corp
PD16312 RENESAS-PD16312_15 Datasheet
336Kb / 25P
   1/4- to 1/11-DUTY FIPTM (VFD) CONTROLLER/DRIVER
logo
Holtek Semiconductor In...
HT16512 HOLTEK-HT16512 Datasheet
128Kb / 12P
   1/4 to 1/11 Duty VFD Controller
HT16512 HOLTEK-HT16512_05 Datasheet
195Kb / 10P
   1/4 to 1/11 Duty VFD Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com