Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2-680RF1 Datasheet(PDF) 1 Page - Riedon Powertron

Part # S2-680RF1
Description  Surface Mount Wirewound Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RIEDON [Riedon Powertron]
Direct Link  http://www.riedon.com
Logo RIEDON - Riedon Powertron

S2-680RF1 Datasheet(HTML) 1 Page - Riedon Powertron

  S2-680RF1 Datasheet HTML 1Page - Riedon Powertron S2-680RF1 Datasheet HTML 2Page - Riedon Powertron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Riedon Inc.
300 Cypress Avenue
Alhambra CA 91801
(626) 284-9901
(626) 284-1704
www.riedon.com
8/17
Specification
Value
Tolerances
S: Above 100Ω, ±0.05% to ±5%
S: Above 1Ω, ±0.1% to ±5%
S: Below 1Ω, ±1% to ±5%
SL: ±1% to ±5%
Temperature Coefficient
S: >10Ω : ±20ppm/°C
S: 1Ω to10Ω : ±50ppm/°C
S: <1Ω : Call Factory
SL: ±200ppm/°C, For Lower Call Factory
Temperature Range
-55°C to +275°C
Dielectric Strength
S: 1000 VAC
SL: 500 VAC
Insulation Resistance
>1000 MOhms / Dry
Terminal Finish
100% Electroless Tin over Copper
Reel / Tape Width (mm)
S-1: 12 / S-2: 16 / S-3: 24 / S-4: 24 / S-5: 32 / SL-2: 16 / SL-4: 24
S & SL Series
• Resistance: 0.005 to 50kOhms
• High Power: to 4 Watts
• Tolerance to ±0.05%
• High Temperature Rating up to 275°C
• Low Temperature Coefficient to ±20ppm/°C
• Superior Surge Handling Capability
• Non-Inductive Windings are Available (Type SN)
• Flame Resistant UL 94V-0
SPECIFICATIONS
Type
Power Rating
Watts @ 70°C
Resistance
Range ( Ω )
Non-Inductive Winding
Resistance Range ( Ω )¹
Maximum
Working Voltage
S-1
0.5
0.01 to 400
0.1 to 200
*
P
R
S-2
1
0.005 to 3k
0.1 to 1.5K
S-4
2
0.01 to 15k
0.1 to 7.5K
S-3
3
0.01 to 25k
0.1 to 12.5K
S-5
4
0.01 to 50k
0.1 to 25K
SL-2
1
0.005 to 0.05
N/A
SL-4
2
0.005 to 0.07
N/A
0
50
100
150
200
250
300
350
0
20
40
60
80
100
120
Ambient Temperature (°C)
Power Derating Curve
Surface Mount Wirewound Resistors
Environmental Performance
(MIL-STD 202)
∆R MAX
Dielectric
±0.5% + 0.05Ω
Load Life
±1% + 0.05Ω
Storage
±0.5% + 0.05Ω
Moisture Resistance
±1% + 0.05Ω
Thermal Shock
±0.5% + 0.05Ω
5X Overload ( 5s )
±0.5% + 0.05Ω
Shock
±0.5% + 0.05Ω
Solder Heat Resistance ( 260C, 10s )
±0.5% + 0.05Ω
1 Below 0.1Ω the inductance of a single winding, or the metal element (SL) is negligible


Similar Part No. - S2-680RF1

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
S2-6-1AE OENINDIA-S2-6-1AE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
S2-6-1ANIL OENINDIA-S2-6-1ANIL Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
S2-6-1CE OENINDIA-S2-6-1CE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
S2-6-1CNIL OENINDIA-S2-6-1CNIL Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
S2-6-1UE OENINDIA-S2-6-1UE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
More results

Similar Description - S2-680RF1

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
SSL RIEDON-SSL_14 Datasheet
215Kb / 2P
   Surface Mount Wirewound Resistors
S4-10RF1 RIEDON-S4-10RF1 Datasheet
198Kb / 2P
   Surface Mount Wirewound Resistors
S3-0R005J8 RIEDON-S3-0R005J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S3-100RF1 RIEDON-S3-100RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-100RJ2 RIEDON-S5-100RJ2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S1-0R039J8 RIEDON-S1-0R039J8 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S2-0R2F2 RIEDON-S2-0R2F2 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S5-470RF1 RIEDON-S5-470RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S4-0R015F1 RIEDON-S4-0R015F1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
S3-150RF1 RIEDON-S3-150RF1 Datasheet
205Kb / 2P
   Surface Mount Wirewound Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com