Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS220KG Datasheet(PDF) 1 Page - Rohm

Part # SCS220KG
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS220KG Datasheet(HTML) 1 Page - Rohm

  SCS220KG Datasheet HTML 1Page - Rohm SCS220KG Datasheet HTML 2Page - Rohm SCS220KG Datasheet HTML 3Page - Rohm SCS220KG Datasheet HTML 4Page - Rohm SCS220KG Datasheet HTML 5Page - Rohm SCS220KG Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Datasheet
SCS220KG
SiC Schottky Barrier Diode
*1 Tc=133°C *2 PW=8.3ms sinusoidal, Tj=25°C *3 PW=10
s square, Tj=25°C
*4 PW=8.3ms sinusoidal, Tj=150°C *5 Tc=100°C, Tj=150°C, Duty cycle=10% *6 Tc=25°C
Outline
VR
1200V
TO-220AC
IF
20A
QC
65nC
Features
Inner circuit
1) Shorter recovery time
2) Reduced temperature dependence
3) High-speed switching possible
Packaging specifications
Type
Packaging
Tube
Construction
Reel size (mm)
-
Silicon carbide epitaxial planer type
Tape width (mm)
-
Basic ordering unit (pcs)
50
Reverse voltage (repetitive peak)
VRM
1200
V
Packing code
C
Marking
SCS220KG
Absolute maximum ratings (Tj = 25°C)
Parameter
Symbol
Value
Unit
Reverse voltage (DC)
VR
1200
V
Continuous forward current
IF
20*
1
A
Surge no repetitive forward current
IFSM
82*
2
A
310*
3
A
62*
4
A
Repetitive peak forward current
IFRM
77*
5
A
Total power disspation
PD
210*
6
W
Junction temperature
Tj
175
°C
Range of storage temperature
Tstg
55 to 175
°C
(1) Cathode
(2) Cathode
(3) Anode
(1)
(2)
(3)
(3)
(2)
(1)
1/4
2017.06 - Rev.C


Similar Part No. - SCS220KG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS220KGHR ROHM-SCS220KGHR Datasheet
479Kb / 6P
   SiC Schottky Barrier Diode
SCS220KGHR ROHM-SCS220KGHR Datasheet
951Kb / 6P
   SiC Schottky Barrier Diode
SCS220KGHR ROHM-SCS220KGHR_17 Datasheet
951Kb / 6P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS220KG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com