Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1708 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE1708
Description  Integrated Circuit TV Tuner Band Selector
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1708 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1708 Datasheet HTML 1Page - NTE Electronics NTE1708 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1708
Integrated Circuit
TV Tuner Band Selector
Description:
This NTE1708 is a tuner band selector integrated circuit in a 9–Lead SIP type package intended for
use in electronic tuning type TV sets. This device outputs supply voltages to the tuner unit according
to 2–input band select signals.
Features:
D 2 Inputs, 4 Outputs
D Decoders of 2 Types Available by Changing–Over C Pin.
D Single–Supply Operation (Output Transistor: PNP Type)
D Low Output Saturation Voltage
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Maximum Supply Voltage, VCCmax
14V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Applied Voltage, V6, V7
–12V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Maximum Load Current
IO6max (f1)
–20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IO1max (f2)
–35mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IO7max (f3)
–20mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
IO2max (f4)
–35mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Current, IINmax
2mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Allowable Power Dissipation, PDmax
400mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, Topr
–20
° to +65°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Quiescent Current
ICCO
13
18
mA
Output Saturation Voltage
0
0.7
V
Input Threshold Voltage
VTH
0.8
1.5
3.0
V
Output Leakage Current
I6, I7
50
µA
Note 1. Current flowing into IC: + (no sign)
Note 2. Current flowing out of IC: –


Similar Part No. - NTE1708

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE170 NTE-NTE170 Datasheet
18Kb / 2P
   Single Phase Bridge Rectifier 2.0 Amp
NTE1700 NTE-NTE1700 Datasheet
22Kb / 3P
   Integrated Circuit 2, 4, & 6 Hour Auto Discriminator for VCR
NTE1701 NTE-NTE1701 Datasheet
22Kb / 3P
   Integrated Circuit VCR Cylinder Servo Control Circuit
NTE1702 NTE-NTE1702 Datasheet
22Kb / 2P
   Integrated Circuit Color ACC Circuit for VCR
NTE1703 NTE-NTE1703 Datasheet
20Kb / 2P
   Integrated Circuit Color APC (BM/Record/Playback Switching Circuit)
More results

Similar Description - NTE1708

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA7920 SANYO-LA7920 Datasheet
51Kb / 3P
   TV Tuner Band Selector
LA7910 SANYO-LA7910 Datasheet
57Kb / 3P
   TV Tuner Band Selector?
logo
NTE Electronics
NTE1658 NTE-NTE1658 Datasheet
21Kb / 2P
   Integrated Circuit Television Tuner Band Selector
logo
Daewoo Semiconductor
DBL2044 DAEWOO-DBL2044 Datasheet
157Kb / 4P
   TUNER BAND SELECTOR FOR TV SETS
logo
Toshiba Semiconductor
TA7315BP TOSHIBA-TA7315BP Datasheet
138Kb / 6P
   TV TUNER BAND SWITCHING CIRCUIT
logo
NTE Electronics
NTE1837 NTE-NTE1837 Datasheet
24Kb / 3P
   Integrated Circuit TV Tuner Controller
NTE1688 NTE-NTE1688 Datasheet
21Kb / 2P
   Integrated Circuit TV Tuner Bandswitch
logo
SHANGHAI BELLING CO., L...
BL54573 BELLING-BL54573 Datasheet
20Kb / 1P
   TV Band Switches Integrated Circuit
logo
NTE Electronics
NTE1615 NTE-NTE1615 Datasheet
18Kb / 2P
   Integrated Circuit B/W TV Tuner Bandswitch Circuit
logo
Infineon Technologies A...
TUA6030 INFINEON-TUA6030 Datasheet
881Kb / 49P
   3-Band TV Tuner IC
Specification July 2001
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com