Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS215AG Datasheet(PDF) 2 Page - Rohm

Part # SCS215AG
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS215AG Datasheet(HTML) 2 Page - Rohm

  SCS215AG Datasheet HTML 1Page - Rohm SCS215AG Datasheet HTML 2Page - Rohm SCS215AG Datasheet HTML 3Page - Rohm SCS215AG Datasheet HTML 4Page - Rohm SCS215AG Datasheet HTML 5Page - Rohm SCS215AG Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Datasheet
SCS215AG
Unit
Min.
Typ.
Max.
Thermal resistance
Rth(j-c)
-
-
1.0
1.3
°C/W
Thermal characteristics
Parameter
Symbol
Conditions
Values
45
-
A
IF=15A,Tj=150°C
-
1.55
-
V
Forward voltage
Reverse current
Total capacitance
Total capacitive charge
nC
-
105
IR
C
Qc
550
-
V
A
pF
VR=1V,f=1MHz
ns
VR=600V,f=1MHz
-
VR=400V,di/dt=350A/s
-
23
-
-
pF
56
Switching time
tc
-
18
-
VR=400V,di/dt=350A/s
A
VR=600V,Tj=25°C
V
3
1.63
IF=15A,Tj=175°C
VR=600V,Tj=175°C
V
300
-
-
-
1.35
-
-
Electrical characteristics (Tj = 25°C)
600
VDC
IR =0.3mA
Parameter
Conditions
DC blocking voltage
Typ.
Unit
Max.
Min.
-
Values
1.55
-
IF=15A,Tj=25°C
Symbol
-
VF
VR=600V,Tj=150°C
-
2/4
2017.06 - Rev.C


Similar Part No. - SCS215AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS215AG ROHM-SCS215AG Datasheet
187Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
918Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR_17 Datasheet
918Kb / 6P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS215AG

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com