Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCS210KGHR Datasheet(PDF) 1 Page - Rohm

Part # SCS210KGHR
Description  SiC Schottky Barrier Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SCS210KGHR Datasheet(HTML) 1 Page - Rohm

  SCS210KGHR_17 Datasheet HTML 1Page - Rohm SCS210KGHR_17 Datasheet HTML 2Page - Rohm SCS210KGHR_17 Datasheet HTML 3Page - Rohm SCS210KGHR_17 Datasheet HTML 4Page - Rohm SCS210KGHR_17 Datasheet HTML 5Page - Rohm SCS210KGHR_17 Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
Datasheet
SCS210KGHR
SiC Schottky Barrier Diode
*1 Tc=146°C *2 PW=8.3ms sinusoidal,Tj=25°C *3 PW=10
s square,Tj=25°C
*4 Pw=8.3ms sinusoidal, Tj=150°C, *5 Tc=100°C,Tj=150°C,Duty cycle=10% *6 Tc=25°C
A
IFRM
PD
°C
°C
Tj
Tstg
175
55 to 175
A
Range of storage temperature
Absolute maximum ratings (Tj = 25°C)
Surge no repetitive forward current
Reverse voltage (repetitive peak)
Reverse voltage (DC)
Continuous forward current
Unit
Value
Repetitive peak forward current
Total power disspation
Junction temperature
VR
IF
IFSM
33*
4
1200
10*
1
46*
5
150*
6
45*
2
190*
3
A
VRM
Tube
-
Type
Packaging
Reel size (mm)
C
SCS210KG
Basic ordering unit (pcs)
Tape width (mm)
-
50
Marking
Packing code
1200
Features
34nC
1) Shorter recovery time
A
W
Symbol
Construction
Silicon carbide epitaxial planer schottky diode
Parameter
V
V
A
3) High-speed switching possible
AEC-Q101 Qualified
Inner circuit
Packaging specifications
TO-220AC
2) Reduced temperature dependence
1200V
10A
VR
IF
QC
(1) Cathode
(2) Cathode
(3) Anode
(1)
(2)
(3)
(3)
(2)
(1)
1/4
2017.06 - Rev.C


Similar Part No. - SCS210KGHR_17

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS210KGHR ROHM-SCS210KGHR Datasheet
558Kb / 6P
   SiC Schottky Barrier Diode
More results

Similar Description - SCS210KGHR_17

ManufacturerPart #DatasheetDescription
logo
Rohm
SCS206AGC ROHM-SCS206AGC Datasheet
363Kb / 6P
   SiC Schottky Barrier Diode
SCS205KGHR ROHM-SCS205KGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS208AGHR ROHM-SCS208AGHR Datasheet
481Kb / 6P
   SiC Schottky Barrier Diode
SCS215AGHR ROHM-SCS215AGHR Datasheet
541Kb / 6P
   SiC Schottky Barrier Diode
SCS220AJ ROHM-SCS220AJ Datasheet
493Kb / 6P
   SiC Schottky Barrier Diode
SVS212AGHR ROHM-SVS212AGHR Datasheet
478Kb / 6P
   SiC Schottky Barrier Diode
SCS210AG ROHM-SCS210AG_17 Datasheet
901Kb / 6P
   SiC Schottky Barrier Diode
SCS210AJHR ROHM-SCS210AJHR Datasheet
1Mb / 6P
   SiC Schottky Barrier Diode
SCS304AP ROHM-SCS304AP Datasheet
989Kb / 7P
   SiC Schottky Barrier Diode
SCS308AP ROHM-SCS308AP Datasheet
1,022Kb / 7P
   SiC Schottky Barrier Diode
SCS210KE2 ROHM-SCS210KE2 Datasheet
913Kb / 6P
   SiC Schottky Barrier Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com