Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM3150A Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SM3150A
Description  Voltage 150 V 3.0 A Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM3150A Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM3150A Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM3150A Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM3150A
Voltage 150 V
3.0 A Schottky Barrier Rectifiers
06-May-2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
A
B
E
G
D
F
C
H
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering : 250°C for 10 Seconds at T erminals
Low Revise Current
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Axial Leads, Solderable per MIL-STD-202
Method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
PACKAGE INFORMATION
Package
MPQ
Leader Size
SMA
5K
13 inch
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Rating
Unit
Peak Repetitive Peak reverse voltage
VRRM
150
V
Working Peak Reverse Voltage
VRWM
150
V
Maximum DC Blocking Voltage
VDC
150
V
Average Forward Current @TJ=25°C
I F(AV)
3
A
Peak Forward Current @ 8.3 ms Single Half Sine
IFSM
80
A
Maximum Instantaneous Forward Voltage @ IF=3A
VF
0.87
V
TC=25°C
0.2
Maximum DC Reverse Current At
Rated DC Blocking Voltage
TC=100°C
IR
5
mA
Typical Junction Capacitance
1
CJ
100
pF
Typical Thermal Resistance
2
RθJA
100
°C/W
Typical Thermal Resistance
2
RθJC
80
°C/W
Voltage Rate of Chance (Rated VR)
dv/dt
10000
V/µs
Operating Temperature Range
TJ
-55~150
°C
Storage temperature
TSTG
-55~150
°C
NOTES:
1. Measured at 1MHz and applied reverse voltage of 4.0 V D.C.
2. Device mounted on FR-4 substrate, 1"*1", 2oz, single-sided, PC boards with 0.1"*0.15" copper pad.
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.25
1.65
E
0.051
0.203
B
3.99
4.60
F
4.78
5.28
C
2.50
2.90
G
0.76
1.52
D
1.98
2.44
H
0.152
0.305
SMA


Similar Part No. - SM3150A

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
SM3150A LRC-SM3150A Datasheet
181Kb / 9P
   Schottky Barrier Rectifiers Reverse Voltage 150 to200V Forward Current 3.0A
logo
Goodwork Semiconductor ...
SM3150A GWSEMI-SM3150A Datasheet
64Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
AiT Semiconductor Inc.
SM3150A AITSEMI-SM3150A Datasheet
722Kb / 5P
   SCHOTTKY DIODE REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 3.0A
REV1.0
logo
Goodwork Semiconductor ...
SM3150A-CAR GWSEMI-SM3150A-CAR Datasheet
50Kb / 2P
   3.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM3150AF SECOS-SM3150AF Datasheet
243Kb / 2P
   20V ~200V 3.0 Amp Surface Mount Schottky Bectifiers
More results

Similar Description - SM3150A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SM10150D SECOS-SM10150D_11 Datasheet
457Kb / 2P
   Voltage 150 V 10A Schottky Barrier Rectifiers
SM5150DS SECOS-SM5150DS Datasheet
129Kb / 2P
   VOLTAGE 150 V 5Amp. Schottky Barrier Rectifiers
SRH3150 SECOS-SRH3150 Datasheet
130Kb / 2P
   150 V 3.0 Amp Low IR Schottky Barrier Rectifiers
SM3200A SECOS-SM3200A Datasheet
216Kb / 2P
   3.0 A Schottky Barrier Rectifiers
SM3200B SECOS-SM3200B Datasheet
183Kb / 2P
   3.0 A Schottky Barrier Rectifiers
SM3150B SECOS-SM3150B Datasheet
679Kb / 2P
   3.0 A Schottky Barrier Rectifiers
SM3200A SECOS-SM3200A_15 Datasheet
215Kb / 2P
   3.0 A Schottky Barrier Rectifiers
SM3150B SECOS-SM3150B_15 Datasheet
674Kb / 2P
   3.0 A Schottky Barrier Rectifiers
SBR10150 SECOS-SBR10150 Datasheet
169Kb / 2P
   VOLTAGE 150 V 10.0 Amp Schottky Barrier Rectifiers
MBR10150F SECOS-MBR10150F Datasheet
142Kb / 2P
   Voltage 150 V 10.0 Amp Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com