Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFH6345-X007T Datasheet(PDF) 9 Page - Vishay Siliconix

Part # SFH6345-X007T
Description  Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SFH6345-X007T Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button SFH6345-X007T Datasheet HTML 2Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 3Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 4Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 5Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 6Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 7Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 8Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 9Page - Vishay Siliconix SFH6345-X007T Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
SFH6345
www.vishay.com
Vishay Semiconductors
Rev. 2.2, 03-Aug-15
9
Document Number: 83680
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Tape and Reel Packing for SMD-8, Option 9 (1000 pieces on reel)
SOLDER PROFILES
Fig. 14 - Wave Soldering Double Wave Profile According to
J-STD-020 for DIP-8 Devices
Fig. 15 - Lead (Pb)-free Reflow Solder Profile According to
J-STD-020 for SMD-8 Devices
HANDLING AND STORAGE CONDITIONS
ESD level: HBM class 2
Floor life: unlimited
Conditions: Tamb < 30 °C, RH < 85 %
Moisture sensitivity level 1, according to J-STD-020
L
C
SECTION X - X
Note:
• Cumulative tolerance of 10 sprocket holes is ± 0.20
SECTION Y - Y
Y
Y
X
X
L
C
1.50
+ 0.25
- 0.00
1.50
+ 0.1
- 0.0
16.00
+ 0.3
- 0.1
7.50 ± 0.1
0.35 ± 0.05
3.81 ± 0.1
4.17 ± 0.1
1.75 ± 0.1
4.00 ± 0.1
2.00 ± 0.1
10.31 ± 0.1
12.00 ± 0.1
10.20 ± 0.1
2 K/s
second
wave
first wave
wave
ca. 5 K/s
5 s
full line: typical
dotted line:
process limits
Time (s)
300
250
200
150
100
50
0
050
100
150
200
250
94 8626
Lead temperature
235 °C to
260 °C
100 °C to
130 °C
ca. 200 K/s
forced cooling
ca. 2 K/s
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time (s)
240 °C
245 °C
max. 260 °C
max. 120 s
max. 100 s
217 °C
max. 30 s
max. ramp up 3 °C/s
max. ramp down 6 °C/s
19841
255 °C


Similar Part No. - SFH6345-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
More results

Similar Description - SFH6345-X007T

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SFH6345 VISHAY-SFH6345_V01 Datasheet
214Kb / 10P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/μs
01-Jan-2022
SFH6345-X001 VISHAY-SFH6345-X001 Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X007T VISHAY-SFH6345-X007T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/us
Rev. 2.1, 09-Mar-12
SFH6345-X017T VISHAY-SFH6345-X017T Datasheet
178Kb / 7P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, 15 kV/關s
Rev. 2.1, 09-Mar-12
VOM453 VISHAY-VOM453_V01 Datasheet
130Kb / 9P
   Analog High Speed Coupler, High Noise Immunity, 1 MBd, SOP-5 Package
01-Jan-2022
SFH6345 VISHAY-SFH6345_08 Datasheet
182Kb / 8P
   High Speed Optocoupler, 1 Mbd, 15 kV/µs CMR, Transistor Output
Rev. 1.6, 18-Feb-08
logo
Broadcom Corporation.
ACNT-H343 BOARDCOM-ACNT-H343 Datasheet
525Kb / 16P
   5-Amp Gate Drive Optocoupler in 15-mm SSO8 Package with 100-kV/μs Noise Immunity
April 10, 2020
logo
Vishay Siliconix
SFH6700 VISHAY-SFH6700_05 Datasheet
1Mb / 15P
   High Speed Optocoupler, 5 MBd, 1 kV/µs dV/dt
Rev. 1.5, 15-Apr-05
SFH6701 VISHAY-SFH6701 Datasheet
408Kb / 16P
   High Speed Optocoupler, 5 MBd, 1 kV/us dV/dt
Rev. 1.3, 27-Apr-04
logo
Unisonic Technologies
U74ACT00G-S14-R UTC-U74ACT00G-S14-R Datasheet
183Kb / 4P
   High Noise Immunity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com