Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XR-2211ACP Datasheet(PDF) 5 Page - Exar Corporation

Part # XR-2211ACP
Description  FSK Demodulator/ Tone Decoder
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XR-2211ACP Datasheet(HTML) 5 Page - Exar Corporation

  XR-2211ACP Datasheet HTML 1Page - Exar Corporation XR-2211ACP Datasheet HTML 2Page - Exar Corporation XR-2211ACP Datasheet HTML 3Page - Exar Corporation XR-2211ACP Datasheet HTML 4Page - Exar Corporation XR-2211ACP Datasheet HTML 5Page - Exar Corporation XR-2211ACP Datasheet HTML 6Page - Exar Corporation XR-2211ACP Datasheet HTML 7Page - Exar Corporation XR-2211ACP Datasheet HTML 8Page - Exar Corporation XR-2211ACP Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
XR-2211A
5
Rev. 1.01
DC ELECTRICAL CHARACTERISTICS (Cont.)
Test Conditions: VCC = 12V, TA = +25°C, RO = 30KW, CO = 0.033mF, unless otherwise specified.
Parameter
Min.
Typ.
Max.
Unit
Conditions
Voltage Comparator Section
Input Impedance
2
M
W
Measured at pins 3 and 8
Input Bias Current
100
nA
Voltage Gain
55
70
dB
RL = 5.1KW
Output Voltage Low
300
500
mV
IC = 3mA
Output Leakage Current
0.01
10
mA
VO = 20V
Internal Reference
Voltage Level
4.75
5.3
5.85
V
Measured at pin 10
Output Impedance
100
W
AC Small Signal
Maximum Source Current
80
mA
Note:
- These parameters, although guaranteed over the recommended operating conditions, are not 100% tested in production.
- Bold face parameters are covered by production test.
Specifications are subject to change without notice
ABSOLUTE MAXIMUM RATINGS
Power Supply
20V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input Signal Level
3V rms
. . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation
900mW
. . . . . . . . . . . . . . . . . . . . . . .
Plastic Package
800mW
. . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above TA = +25°C
6mW/
°C
. . . . . . . .
JEDEC SOIC
390mW
. . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above TA = +25°C
5mW/
°C
. . . . . . . . .
SYSTEM DESCRIPTION
The main PLL within the XR-2211A is constructed from an
input preamplifier, analog multiplier used as a phase
detector and a precision voltage controlled oscillator
(VCO). The preamplifier is used as a limiter such that
input signals above typically 10mV RMS are amplified to a
constant high level signal. The multiplying-type phase
detector acts as a digital exclusive or gate. Its output
(unfiltered) produces sum and difference frequencies of
the input and the VCO output.
The VCO is actually a
current controlled oscillator with its normal input current
(fO) set by a resistor (R0) to ground and its driving current
with a resistor (R1) from the phase detector.
The output of the phase detector produces sum and
difference of the input and the VCO frequencies
(internally connected). When in lock, these frequencies
are fIN+ fVCO (2 times fIN when in lock) and fIN - fVCO (0Hz
when lock). By adding a capacitor to the phase detector
output, the 2 times fIN component is reduced, leaving a
DC voltage that represents the phase difference between
the two frequencies. This closes the loop and allows the
VCO to track the input frequency.
The FSK comparator is used to determine if the VCO is
driven above or below the center frequency (FSK
comparator).
This will produce both active high and
active low outputs to indicate when the main PLL is in lock
(quadrature
phase
detector
and
lock
detector
comparator).


Similar Part No. - XR-2211ACP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
More results

Similar Description - XR-2211ACP

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XR-2211 EXAR-XR-2211 Datasheet
242Kb / 24P
   FSK Demodulator/ Tone Decoder
logo
New Japan Radio
NJM2211M-TE1 NJRC-NJM2211M-TE1 Datasheet
256Kb / 1P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211_1 Datasheet
258Kb / 10P
   FSK DEMODULATOR / TONE DECODER
NJM2211 NJRC-NJM2211 Datasheet
427Kb / 11P
   FSK DEMODULATOR/TONE DECODER
logo
List of Unclassifed Man...
RC2211 ETC1-RC2211 Datasheet
135Kb / 16P
   FSK Demodulator/Tone Decoder
logo
Exar Corporation
XR-210 EXAR-XR-210 Datasheet
140Kb / 2P
   FSK MODULATOR / DEMODULATOR
logo
National Semiconductor ...
LM567 NSC-LM567 Datasheet
296Kb / 8P
   Tone Decoder
logo
AUK corp
S567P AUK-S567P Datasheet
101Kb / 4P
   TONE DECODER
logo
Daewoo Semiconductor
DBL567 DAEWOO-DBL567 Datasheet
192Kb / 4P
   TONE DECODER
logo
National Semiconductor ...
LM567 NSC-LM567_03 Datasheet
339Kb / 12P
   Tone Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com