Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-1142BC5I-E6T1U Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-1142BC5I-E6T1U
Description  HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-1142BC5I-E6T1U Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-1142BC5I-E6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-1142BC5I-E6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-1142BC5I-E6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-1142BC5I-E6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-1142BC5I-E6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-1142BC5I-E6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-1142BC5I-E6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-1142BC5I-E6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-1142BC5I-E6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_01
S-1142A/B Series
3
Product Name Structure
Users can select the product type and output voltage for the S-1142A/B Series. Refer to "1.
Product name"
regarding the contents of product name, "2. Package" regarding the package drawings and "3. Product name list"
for details of product names.
1. Product name
S-1142 x xx I - E6T1 U
Package abbreviation and IC packing specifications
*1
E6T1: HSOP-6, Tape
Operation temperature
I:
Ta =
−40°C to +85°C
Output voltage
20 to F0
(e.g., when the output voltage is 2.0 V, it is expressed as 20.
when the output voltage is 10 V, it is expressed as A0.
when the output voltage is 11 V, it is expressed as B0.
when the output voltage is 12 V, it is expressed as C0.
when the output voltage is 15 V, it is expressed as F0.)
Product type
*2
A:
ON / OFF pin negative logic
B:
ON / OFF pin positive logic
Environmental code
U:
Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Refer to "3. ON / OFF pin" in " Operation".
Remark When overshoot of the S-1142A/B Series has some influences, consider to use the S-1142C/D Series.
Refer to "6. Overshoot of output voltage" in " Operation" regarding details of overshoot.
2. Package
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
HSOP-6
FH006-A-P-SD
FH006-A-C-SD
FH006-A-R-SD
FH006-A-L-SD


Similar Part No. - S-1142BC5I-E6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1142BC5I-E6T1U ABLIC-S-1142BC5I-E6T1U Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
More results

Similar Description - S-1142BC5I-E6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-1142A ABLIC-S-1142A Datasheet
478Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.4.2_02
logo
Seiko Instruments Inc
S1142C-A SII-S1142C-A Datasheet
1Mb / 31P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1212B SII-S1212B Datasheet
3Mb / 58P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1142C SII-S-1142C Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1142C ABLIC-S-1142C Datasheet
451Kb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.1.3_00
logo
Seiko Instruments Inc
S1142A-H SII-S1142A-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S1142C-H SII-S1142C-H Datasheet
1Mb / 32P
   HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT OPERATION CMOS VOLTAGE REGULATOR
S19200AXXH SII-S19200AXXH Datasheet
3Mb / 37P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S19200AXXA SII-S19200AXXA Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-19200A33A-V5T2U SII-S-19200A33A-V5T2U Datasheet
2Mb / 32P
   LOW CURRENT CONSUMPTION LOW DROPOUT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com