Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6404DE85MR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6404DE85MR
Description  High Current, High Speed LDO Regulators, Voltage Detector Function
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6404DE85MR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6404DE85MR Datasheet HTML 4Page - Torex Semiconductor XC6404DE85MR Datasheet HTML 5Page - Torex Semiconductor XC6404DE85MR Datasheet HTML 6Page - Torex Semiconductor XC6404DE85MR Datasheet HTML 7Page - Torex Semiconductor XC6404DE85MR Datasheet HTML 8Page - Torex Semiconductor XC6404DE85MR Datasheet HTML 9Page - Torex Semiconductor XC6404DE85MR Datasheet HTML 10Page - Torex Semiconductor XC6404DE85MR Datasheet HTML 11Page - Torex Semiconductor XC6404DE85MR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
XC6404 Series
High Current, High Speed LDO Regulators, Voltage Detector Function
! ELECTRICAL CHARACTERISTICS (Continued)
XC6404 AA / AD / AE / AH Series
Ta=25
OC
∆VROUT
∆VIN ⋅ VROUT
When VROUT<0.9V, 2.0V<VIN<6.0V
IROUT=30mA
500
UNITS
CIRCUIT
MAX
MIN
x 0.98
400
-
0.01
0.20
TYP
PARAMETER
SYMBOL
CONDITIONS
±100
-
VROUT(T)
VR Output Voltage (note 2, 3)
VROUT(E)
IROUT=30mA
VR Maximum Output Current
(0.9 ~ 2.4V product)
IROUTMAX
VIN=VROUT(T)+2.0V
VR Maximum Output Current
(2.5 ~ 4.9V product)
IROUTMAX
VIN=VROUT(T)+2.0V,
When VROUT(T)>4.0V, VIN=6.0V
x 1.02
V
1
--
mA
1
mA
1
VR Load Regulation
∆VROUT
1mA<IROUT<100mA
-15
50
mV
1
1
Vdif2
IROUT=100mA
E-2 (page 15)
mV
1
Vdif1
IROUT=30mA
E-1 (page 15)
mV
VR Dropout Voltage (note 4)
40
75
µA
2
µA
2
Supply Current
(AE / AH Series)
IDD
-
Supply Current
(AA / AD Series)
IDD
-
VR Line Regulation
VROUT(T)+1.0V<VIN<6.0V
-
When VROUT<1.75V, IROUT=10mA
% / V
1
Input Voltage
VIN
2.0
6.0
V
VR Output Voltage
Temperature Characteristics
∆VROUT
IROUT=30mA
-
∆Topr ⋅ VROUT
-40
OC<Topr<85OC
-
ppm /
OC
1
VR Ripple Rejection Rate
PSRR
VIN=[VROUT(T)+1.0]V+0.5Vp-pAC
-
When VROUT(T) < 1.25V
! VIN=2.25V+0.5Vp-pAC
When VROUT(T) > 4.75V
! VIN=5.75V+0.5Vp-pAC
IROUT=50mA, f=10kHz
65
-
dB
3
VR Current Limiter
(2.4V or less)
IRlim
VIN=VROUT(T)+2.0V
-
600
-
mA
1
VR Current Limiter
(2.5V or more)
IRlim
VIN=VROUT(T)+2.0V
When VROUT(T)>4.0V, VIN=6.0V
500
600
-
mA
1
VD Detect Voltage (note 7, 8)
VDF (E)
x 0.98
VDF (T)
x 1.02
V
4
VD Hysteresis Range (note 8)
VHYS
VD Supply Current
(note 9)
IDDVD
VIN = 2.0V
VIN = 6.0V
VD Output Current
(note 10)
IDOUT
4
x 0.02
x 0.05
x 0.08
VDF (T)
VDF (T)
VDF (T)
V
-
6.5
14.5
µA
-
8.0
16.0
-
9.0
17.0
2
VIN = 3.0V
-
7.0
15.0
VIN = 4.0V
-
7.5
15.5
VIN = 5.0V
VDOUT = 0.5V
mA
5
VIN = 2.0V
3.0
6.0
-
VIN = 3.0V
4.0
8.0
-
VIN = 4.0V
5.0
10.0
-
VIN = 5.0V
7.0
12.0
-
VIN = 6.0V
10.0
15.0
-
VD Detect Voltage
Temperature Characteristics
∆VDF /
-40
OC<Topr<85OC-
∆Topr ⋅ VDF
±100
-
ppm /
OC
4
50
-
mA
1
Short-circuit Current
IRshort
VIN=VROUT(T)+2.0V
When VROUT(T)>4.0V, VIN=6.0V
-
VIN=VEN=VROUT(T)+1.0V,
When VROUT<0.9V, VIN=2.0V
VIN=VEN=VROUT(T)+1.0V,
When VROUT<0.9V, VIN=2.1V
35
70
Semiconductor Ltd.
Data Sheet
8


Similar Part No. - XC6404DE85MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
logo
List of Unclassifed Man...
XC6401 ETC2-XC6401 Datasheet
6Mb / 212P
   MT6516 Design Notice V1.0
logo
Torex Semiconductor
XC6401EE01DL TOREX-XC6401EE01DL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01DR TOREX-XC6401EE01DR Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6401EE01EL TOREX-XC6401EE01EL Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
More results

Similar Description - XC6404DE85MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6413 TOREX-XC6413_1 Datasheet
631Kb / 20P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403 Datasheet
231Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6210 TOREX-XC6210_2 Datasheet
1Mb / 22P
   High Current, High Speed LDO Regulators
XC6210 TOREX-XC6210_1 Datasheet
1Mb / 21P
   High Current, High Speed LDO regulators
XC6210 TOREX-XC6210 Datasheet
307Kb / 10P
   High Current, High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com