Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93A86B Datasheet(PDF) 3 Page - Seiko Instruments Inc

Part # S-93A86B
Description  FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93A86B Datasheet(HTML) 3 Page - Seiko Instruments Inc

  S-93A86B Datasheet HTML 1Page - Seiko Instruments Inc S-93A86B Datasheet HTML 2Page - Seiko Instruments Inc S-93A86B Datasheet HTML 3Page - Seiko Instruments Inc S-93A86B Datasheet HTML 4Page - Seiko Instruments Inc S-93A86B Datasheet HTML 5Page - Seiko Instruments Inc S-93A86B Datasheet HTML 6Page - Seiko Instruments Inc S-93A86B Datasheet HTML 7Page - Seiko Instruments Inc S-93A86B Datasheet HTML 8Page - Seiko Instruments Inc S-93A86B Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
FOR AUTOMOTIVE 125°C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.2_01
S-93A46B/56B/66B/76B/86B
3
AEC-Q100 in Process
Contact our sales office for details of AEC-Q100 reliability specification.
Product Name Structure
1. Product name
S-93AxxB D0 A - xxxx U 3
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Package abbreviation and IC packing specification
*1
J8T2:
8-Pin SOP (JEDEC), Tape
T8T2:
8-Pin TSSOP, Tape
K8T2:
TMSOP-8, Tape
A8T1:
HSNT-8(2030), Tape
Operation temperature
A:
Ta =
−40°C to +125°C
Fixed
Product name
S-93A46B:
1 K-bit
S-93A56B:
2 K-bit
S-93A66B:
4 K-bit
S-93A76B:
8 K-bit
S-93A86B:
16 K-bit
*1. Refer to the tape drawing.
2. Packages
Package Name
Dimension
Tape
Reel
Land
8-Pin SOP (JEDEC)
FJ008-A-P-SD
FJ008-D-C-SD
FJ008-D-R-S1
8-Pin TSSOP
FT008-A-P-SD
FT008-E-C-SD
FT008-E-R-S1
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
HSNT-8(2030)
PP008-A-P-SD
PP008-A-C-SD
PP008-A-R-SD
PP008-A-L-SD


Similar Part No. - S-93A86B

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-93A86B ABLIC-S-93A86B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A86BD0A-A8T1U3 SII-S-93A86BD0A-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
logo
ABLIC Inc.
S-93A86BD0A-A8T1U3 ABLIC-S-93A86BD0A-A8T1U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S-93A86BD0A-J8T2U3 SII-S-93A86BD0A-J8T2U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
logo
ABLIC Inc.
S-93A86BD0A-J8T2U3 ABLIC-S-93A86BD0A-J8T2U3 Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
More results

Similar Description - S-93A86B

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46B-H SII-S-93C46B-H Datasheet
1Mb / 34P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93A46B ABLIC-S-93A46B Datasheet
550Kb / 39P
   FOR AUTOMOTIVE 125째C OPERATION 3-WIRE SERIAL E2PROM
Rev.1.3_00
logo
Seiko Instruments Inc
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com