Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-85V1AB11-I6T1U Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-85V1AB11-I6T1U
Description  5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-85V1AB11-I6T1U Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-85V1AB11-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-85V1AB11-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-85V1AB11-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-85V1AB11-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-85V1AB11-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-85V1AB11-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-85V1AB11-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-85V1AB11-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-85V1AB11-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10
μA QUIESCENT CURRENT
Rev.1.0_00
S-85V1A Series
7
Electrical Characteristics
Table 6
(VIN = 3.6 V
*1, Ta = +25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Operating input voltage
VIN
2.2
3.6
5.5
V
Output voltage
*2
VOUT
1.0 V
VOUT 3.9 V, no external parts
VOUT(S)
× 0.985
VOUT(S)
VOUT(S)
× 1.015
V
0.7 V
VOUT < 1.0 V, no external parts
VOUT(S)
− 0.015
VOUT(S)
VOUT(S)
+ 0.015
V
Current consumption
at shutdown
ISSS
VEN = 0 V
1
μA
Current consumption
at switching off
ISS1
VOUT = VOUT(S)
+ 0.1 V, VEN = VIN,
no external parts,
no switching operation
10
20
μA
High level input voltage
VSH
VIN = 2.2 V to 5.5 V, EN pin
1.1
V
Low level input voltage
VSL
VIN = 2.2 V to 5.5 V, EN pin
0.3
V
High level input current
ISH
VIN = 2.2 V to 5.5 V, EN pin, VEN = VIN
−0.1
0.1
μA
Low level input current
ISL
VIN = 2.2 V to 5.5 V, EN pin, VEN = 0 V
−0.1
0.1
μA
High side power
MOS FET on-resistance
RHFET
ISW = 100 mA
450
m
Ω
Low side power
MOS FET on-resistance
RLFET
ISW =
−100 mA
350
m
Ω
High side power
MOS FET leakage current
IHSW
VIN = 2.2 V to 5.5 V, VEN = 0 V, VSW = 0 V
0.5
μA
Low side power
MOS FET leakage current
ILSW
VIN = 2.2 V to 5.5 V, VEN = 0 V, VSW = VIN
−0.5
μA
Current limit
*3
ILIM
L = 2.2
μH
450
mA
ON time
*4
tON
tON(S) = 1/fSW
*5 × VOUT/VIN,
VOUT = VOUT(S)
× 0.9
tON(S)/1.3
tON(S)
tON(S)/0.7
ns
Minimum OFF time
tOFF(MIN)
100
ns
UVLO detection voltage
VUVLO− When VIN falls
1.7
1.8
1.9
V
UVLO release voltage
VUVLO+ When VIN rises
1.9
2.0
2.1
V
UVP detection voltage
VUVP
VOUT(S)
× 0.7
V
Soft-start wait time
tSSW
Time until VOUT starts rising
1.5
ms
Soft-start time
tSS
Time until VOUT reaches 90% after it
starts rising
1.0
ms
Thermal shutdown
detection temperature
TSD
Junction temperature
135
°C
Thermal shutdown
release temperature
TSR
Junction temperature
115
°C
*1. VIN = VOUT(S)
+ 1.0 V (VOUT(S)
2.6 V)
*2. VOUT: Actual output voltage
VOUT(S): Set output voltage
*3. The current limit changes according to the L value for the inductor to be used, input voltage, and output voltage.
Refer to " Operation" for details.
*4. tON: Actual ON time
tON(S): Set ON time
*5. fSW: Switching frequency (1 MHz)


Similar Part No. - S-85V1AB11-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85V1AB11-I6T1U ABLIC-S-85V1AB11-I6T1U Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
More results

Similar Description - S-85V1AB11-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1A SII-S85S1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
logo
Seiko Instruments Inc
S-85S0A SII-S-85S0A Datasheet
2Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1P ABLIC-S-85S1P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
   5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
logo
STMicroelectronics
L7983 STMICROELECTRONICS-L7983 Datasheet
1Mb / 43P
   60 V, 300 mA synchronous step-down switching regulator with 10 關A quiescent current
Rev 1 - October 2020
logo
ABLIC Inc.
S-85S0P ABLIC-S-85S0P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com