Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-93C46C Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-93C46C
Description  3-WIRE SERIAL E2PROM
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-93C46C Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-93C46C Datasheet HTML 5Page - Seiko Instruments Inc S-93C46C Datasheet HTML 6Page - Seiko Instruments Inc S-93C46C Datasheet HTML 7Page - Seiko Instruments Inc S-93C46C Datasheet HTML 8Page - Seiko Instruments Inc S-93C46C Datasheet HTML 9Page - Seiko Instruments Inc S-93C46C Datasheet HTML 10Page - Seiko Instruments Inc S-93C46C Datasheet HTML 11Page - Seiko Instruments Inc S-93C46C Datasheet HTML 12Page - Seiko Instruments Inc S-93C46C Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
3-WIRE SERIAL E2PROM
Rev.1.1_00
S-93C46C/56C/66C/76C/86C
9
AC Electrical Characteristics
Table 9 Measurement Conditions
Input pulse voltage
0.1
× VCC to 0.9 × VCC
Output reference voltage
0.5
× VCC
Output load
100 pF
Table 10
Item
Symbol
Ta =
−40°C to +85°C
Unit
VCC = 1.6 V to 1.8 V
VCC = 1.8 V to 2.5 V
VCC = 2.5 V to 4.5 V VCC = 4.5 V to 5.5 V
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max.
CS pin setup time
tCSS
0.4
0.2
0.15
0.15
μs
CS pin hold time
tCSH
0
0
0
0
μs
CS pin deselect time tCDS
0.4
0.2
0.2
0.2
μs
Data setup time
tDS
0.2
0.1
0.1
0.1
μs
Data hold time
tDH
0.2
0.1
0.1
0.1
μs
Output delay time
tPD
0.8
0.6
0.25
0.25
μs
Clock frequency
*1
fSK
0
0.5
0
1.0
0
2.0
0
2.0
MHz
SK clock time "L"
*1
tSKL
0.5
0.2
0.2
0.1
μs
SK clock time "H"
*1
tSKH
0.5
0.2
0.2
0.1
μs
Output disable time
tHZ1, tHZ2
0
0.5
0
0.2
0
0.2
0
0.15
μs
Output enable time
tSV
0
0.5
0
0.2
0
0.2
0
0.15
μs
Write time
tPR
4.0
4.0
4.0
4.0
ms
*1.
The clock cycle of the SK clock (frequency fSK) is 1/fSK
μs. This clock cycle is determined by a combination of
several AC characteristics. Note that the clock cycle cannot be set as (1/fSK) = tSKL (min.)
+ tSKH (min.) by minimizing
the SK clock cycle time.
tSKH
tCDS
tCSS
CS
Valid data
Valid data
DI
tSKL
SK
tSV
tHZ2
tCSH
tHZ1
tPD
tPD
tDS tDH
tDS
tDH
High-Z
High-Z
High-Z
DO
DO
(READ)
(VERIFY)
High-Z
*1
1/fSK
*2
*1.
Indicates high impedance.
*2.
1/fSK is the SK clock cycle. This clock cycle is determined by a combination of several AC characteristics.
Note that the clock cycle cannot be set as (1/fSK) = tSKL (min.)
+ tSKH (min.) by minimizing the SK clock cycle
time.
Figure 1 Timing Chart


Similar Part No. - S-93C46C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46C SII-S-93C46C Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46CD0H-A8T1U3 SII-S-93C46CD0H-A8T1U3 Datasheet
1Mb / 39P
   Function to protect against write due to erroneous instruction recognition
S-93C46CD0H-A8T1U3 SII-S-93C46CD0H-A8T1U3 Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results

Similar Description - S-93C46C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-93C46B SII-S-93C46B_1 Datasheet
463Kb / 50P
   3-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-93C46C ABLIC-S-93C46C Datasheet
641Kb / 39P
   3-WIRE SERIAL E2PROM
Rev.1.1_01
logo
Seiko Instruments Inc
S93S46A SII-S93S46A Datasheet
362Kb / 25P
   3-WIRE SERIAL E2PROM FOR AUTOMOTIVE
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S24C256C SII-S24C256C Datasheet
1Mb / 35P
   2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C512C ABLIC-S-24C512C Datasheet
493Kb / 35P
   2-WIRE SERIAL E2PROM
Rev.2.0_03_S
logo
Seiko Instruments Inc
S-93C76A-H SII-S-93C76A-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S-93C46C-H SII-S-93C46C-H Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93L76A SII-S93L76A Datasheet
1Mb / 37P
   LOW VOLTAGE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com