Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6403FV88MR Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XC6403FV88MR
Description  High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6403FV88MR Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XC6403FV88MR Datasheet HTML 5Page - Torex Semiconductor XC6403FV88MR Datasheet HTML 6Page - Torex Semiconductor XC6403FV88MR Datasheet HTML 7Page - Torex Semiconductor XC6403FV88MR Datasheet HTML 8Page - Torex Semiconductor XC6403FV88MR Datasheet HTML 9Page - Torex Semiconductor XC6403FV88MR Datasheet HTML 10Page - Torex Semiconductor XC6403FV88MR Datasheet HTML 11Page - Torex Semiconductor XC6403FV88MR Datasheet HTML 12Page - Torex Semiconductor XC6403FV88MR Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
XC6403 Series
High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
! ELECTRICAL CHARACTERISTICS (Continued)
XC6403 AA / AD / AE / AH Series
Ta=25
OC
SWITCH
(NOTE 1) Unless otherwise stated, VIN=VOUT(T)+1.0V
(NOTE 2) VROUT(T)=Specified VR Output Voltage
(NOTE 4) Vdif={VIN1
(NOTE6)-VROUT1(NOTE5)}
(NOTE 5) A voltage equal to 98% of the VR Output Voltage whenever a stabilized VROUT1=IROUT{VROUT(T)+1.0V} is input.
(NOTE 6) VIN1=The Input Voltage when VOUT1, which appears as Input Voltage is gradually decreased.
(NOTE 7) VDF (T) : Specified Detect Voltage value
(NOTE 8) VDF (E) : Actual Detect Voltage value. Refer to the E-0 chart for VDF(T) values less than 1.5V.
(NOTE 9) VD Supply Current = Supply Current when VEN=VSS
(NOTE 10) VD Output Current = Sink Current during detection.
V
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
1
UNITS
CIRCUIT
EN "High" Level Voltage
VEN H
1.60
VIN
EN "High" Level Current
(AA / AD Series)
IEN H
VEN=VIN=VROUT(T)+1.0V
-0.10
5.00
µA
2
EN "High" Level Current
(AE /AH Series)
IEN H
VEN=VIN=VROUT(T)+1.0V
2
-0.10
0.10
µA
VIN=VROUT(T)+1.0V, VEN=VSS
(NOTE 3) VOUT(E)=Actual VR Output Voltage
(i.e. the VR output voltage when "VROUT(T)+1.0V" is provided at the VIN pin while maintaining a certain IROUT value).
EN "Low" Level Current
IEN L
-0.10
0.10
µA
2
0.25
V
1
EN "Low" Level Voltage
VEN L
Semiconductor Ltd.
Data Sheet
9


Similar Part No. - XC6403FV88MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6403 TOREX-XC6403 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
More results

Similar Description - XC6403FV88MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6403 TOREX-XC6403_1 Datasheet
1Mb / 57P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Voltage Detector Function
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6213 TOREX-XC6213_2 Datasheet
1,014Kb / 28P
   High Speed LDO Regulators, Low ESR Cap. Compatible, Ultra Small Package
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
XC6401 TOREX-XC6401 Datasheet
717Kb / 24P
   Dual LDO Regulators, Low ESR Cap. Compatible
XC6405 TOREX-XC6405_1 Datasheet
1Mb / 55P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402_1 Datasheet
1Mb / 31P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6404 TOREX-XC6404 Datasheet
544Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6405 TOREX-XC6405 Datasheet
558Kb / 54P
   High Current, High Speed LDO Regulators, Voltage Detector Function
XC6402 TOREX-XC6402 Datasheet
134Kb / 16P
   High Current, High Speed LDO Regulators, Voltage Detector Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com