Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

REJ03F0057_M61520FP Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # REJ03F0057_M61520FP
Description  6ch Electronic Volume with Tone Control
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

REJ03F0057_M61520FP Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button REJ03F0057_M61520FP Datasheet HTML 5Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 6Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 7Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 8Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 9Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 10Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 11Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 12Page - List of Unclassifed Manufacturers REJ03F0057_M61520FP Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
M61520FP
Rev.1.0, Sep.19.2003, page 9 of 15
Control-Data Timing
DATA
t1, t2
t6
t7
t1
t4
t2
VDD=5V
2.2V
0.8V
2.2V
0.8V
2.2V
0.8V
t1
t2
t5
t8
t10
t9
t3
SCK
REQ
Name
Symbol
Min.
Typ.
Max.
Unit
Time for signal to rise
t1
0.3
µs
Time for signal to fall
t2
0.3
µs
SCK clock width
t3
1
µs
SCK high pulse width
t4
0.4
µs
SCK low pulse width
t5
0.4
µs
DATA setup time
t6
0.4
µs
DATA hold time
t7
0.4
µs
REQ rise hold time
t8
0.8
µs
REQ high pulse width
t9
0.4
µs
SCK setup time
t10
0.4
µs


Similar Part No. - REJ03F0057_M61520FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
REJ03F0052_M54679SP HITACHI-REJ03F0052_M54679SP Datasheet
199Kb / 12P
   2-Phase Stepper Motor Driver
REJ03F0059_M61533FP HITACHI-REJ03F0059_M61533FP Datasheet
374Kb / 13P
   4ch Electronic Volume with AGC
More results

Similar Description - REJ03F0057_M61520FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M61541FP RENESAS-M61541FP Datasheet
331Kb / 16P
   6ch Electronic Volume with Tone Control
M61520FP RENESAS-M61520FP Datasheet
244Kb / 16P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446AFP MITSUBISHI-M62446AFP Datasheet
5Mb / 19P
   6CH ELECTRONIC VOLUME WITH TONE CONTROL
logo
Renesas Technology Corp
M61539FP RENESAS-M61539FP Datasheet
147Kb / 18P
   6ch Electronic Volume with Tone Control
M62446AFP RENESAS-M62446AFP Datasheet
240Kb / 19P
   6ch Electronic Volume with Tone Control
logo
Mitsubishi Electric Sem...
M62446FP MITSUBISHI-M62446FP Datasheet
105Kb / 13P
   6CH ELECTRIC VOLUME WITH TONE CONTROL
logo
Rohm
BD3814FV ROHM-BD3814FV_1 Datasheet
371Kb / 11P
   6ch Electronic Volume
logo
Silan Microelectronics ...
SC5358 SILAN-SC5358 Datasheet
167Kb / 9P
   6CH ELECTRONIC VOLUME CONTROLLER
logo
Sanyo Semicon Device
LC75371M SANYO-LC75371M Datasheet
523Kb / 17P
   Car Stereo Electronic Tone and Volume Control
logo
Renesas Technology Corp
R2S15902FP RENESAS-R2S15902FP Datasheet
469Kb / 16P
   6ch Electronic Volume with 4 Input Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com