Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X46402V8E-3.1A Datasheet(PDF) 9 Page - Xicor Inc.

Part # X46402V8E-3.1A
Description  Dual Voltage CPU Supervisor with 64K Password Protected EEPROM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X46402V8E-3.1A Datasheet(HTML) 9 Page - Xicor Inc.

Back Button X46402V8E-3.1A Datasheet HTML 5Page - Xicor Inc. X46402V8E-3.1A Datasheet HTML 6Page - Xicor Inc. X46402V8E-3.1A Datasheet HTML 7Page - Xicor Inc. X46402V8E-3.1A Datasheet HTML 8Page - Xicor Inc. X46402V8E-3.1A Datasheet HTML 9Page - Xicor Inc. X46402V8E-3.1A Datasheet HTML 10Page - Xicor Inc. X46402V8E-3.1A Datasheet HTML 11Page - Xicor Inc. X46402V8E-3.1A Datasheet HTML 12Page - Xicor Inc. X46402V8E-3.1A Datasheet HTML 13Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
X46402
Preliminary Information
9
Figure 9. Definition of Start and Stop Conditions
Acknowledge
Acknowledge is a software convention used to indicate
successful data transfer. The transmitting device, either
master or slave, will release the bus after transmitting
eight bits. During the ninth clock cycle the receiver will
pull the SDA line LOW to acknowledge that it received
the eight bits of data.
The X46402 will respond with an acknowledge after rec-
ognition of a start condition and its slave address. If both
the device and a write condition have been selected, the
X46402 will respond with an acknowledge after the
receipt of each subsequent eight-bit word.
Read Device ID Command
A special, non-password protected command reads the
device ID. The device ID is a 32 bit identification code
that can be generic or tailored to the needs of an individ-
ual company. The last of the 32 bits indicates whether
the device has been tampered with by an unauthorized
user attempting to enter invalid passwords.
Reset Device Command
The Reset Device command resets the tamper bit, clears
the tamper counter and removes the tamper “lock”
(allowing the device to accept commands). However, the
Reset Device command does not clear any memory
array area.
SCL
SDA
Start Condition
Stop Condition
Table 3. X46402 Instruction Set
Notes: Illegal command codes will be disregarded. The part will respond with a “no-ACK” to the illegal byte and then return to the standby mode.
1st Byte
after Start
1st Byte
after
Password
2nd Byte
after
Password
Command Description
Password used
1000 0000
High Address
Low address
Password Memory Array Read
Memory Read
1000 1000
High Address
Low address
OTP Read
OTP Read
1001 0000
High Address
Low address
Password Memory Array Write
Memory Write
1001 1000
High Address
Low address
OTP Write
OTP Write
1010 0000
0000 0000
0000 0000
Change Memory Read Password
Memory Read
1010 1000
0000 0000
0000 0000
Change OTP Read Password
OTP Read
1011 0000
0000 0000
0000 0000
Change Memory Write Password
Memory Write
1011 1000
0000 0000
0000 0000
Change OTP Write Password
OTP Write
1100 0000
0000 0000
0000 0000
Change Reset Password
Reset
1100 1000
High Address
Low address
No-Password Memory Array Read
None
1101 1000
High Address
Low address
No-Password Memory Array Write
None
1110 1000
not used
not used
Reset Device Command (Resets Tamper bit)
Reset
1111 0000
not used
not used
ACK Polling command (Ends Password operation)
None
All the rest
Reserved


Similar Part No. - X46402V8E-3.1A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Intersil Corporation
X4643 INTERSIL-X4643 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
logo
Intersil Corporation
X4643S8 INTERSIL-X4643S8 Datasheet
332Kb / 21P
   CPU Supervidor with 64K EEPROM
logo
Renesas Technology Corp
X4643S8 RENESAS-X4643S8 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
More results

Similar Description - X46402V8E-3.1A

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X40620 XICOR-X40620 Datasheet
350Kb / 17P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
X40626 XICOR-X40626 Datasheet
516Kb / 23P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Intersil Corporation
X40626 INTERSIL-X40626 Datasheet
355Kb / 22P
   Dual Voltage CPU Supervisor with 64K Serial EEPROM
logo
Xicor Inc.
X4643 XICOR-X4643 Datasheet
408Kb / 22P
   CPU Supervisor with 64K EEPROM
logo
Renesas Technology Corp
X4062 RENESAS-X4062 Datasheet
858Kb / 22P
   64K, 8K x 8 Bit Dual Voltage CPU Supervisor with 64K Serial EEPROM
March 28, 2005
X4643 RENESAS-X4643 Datasheet
820Kb / 21P
   64K, 8K x 8 Bit CPU Supervisor with 64K EEPROM
March 29, 2005
X40410 RENESAS-X40410 Datasheet
914Kb / 24P
   4kbit EEPROM Dual Voltage Monitor with Integrated CPU Supervisor
March 28, 2005
logo
Intersil Corporation
X4323 INTERSIL-X4323_06 Datasheet
342Kb / 22P
   CPU Supervisor with 32k EEPROM
X4163 INTERSIL-X4163_06 Datasheet
352Kb / 22P
   CPU Supervisor with 16K EEPROM
X4163 INTERSIL-X4163 Datasheet
333Kb / 21P
   CPU Supervisor with 16K EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com