Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AMVI Datasheet(PDF) 8 Page - Xicor Inc.

Part # X9241AMVI
Description  Quad Digitally Controlled Potentiometer (XDCP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AMVI Datasheet(HTML) 8 Page - Xicor Inc.

Back Button X9241AMVI Datasheet HTML 4Page - Xicor Inc. X9241AMVI Datasheet HTML 5Page - Xicor Inc. X9241AMVI Datasheet HTML 6Page - Xicor Inc. X9241AMVI Datasheet HTML 7Page - Xicor Inc. X9241AMVI Datasheet HTML 8Page - Xicor Inc. X9241AMVI Datasheet HTML 9Page - Xicor Inc. X9241AMVI Datasheet HTML 10Page - Xicor Inc. X9241AMVI Datasheet HTML 11Page - Xicor Inc. X9241AMVI Datasheet HTML 12Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
X9241A
Characteristics subject to change without notice.
8 of 18
REV 1.1.13 12/09/02
www.xicor.com
Figure 8. Detailed Potentiometer Block Diagram
Serial Data Path
From Interface
Circuitry
Register 0
Register 1
Register 2
Register 3
Serial
Bus
Input
Parallel
Bus
Input
Wiper
Counter
Register
INC/DEC
Logic
UP/DN
CLK
Modified SCL
UP/DN
VH/RH
If WCR = 00[H] then VW/RW = VL/RL
If WCR = 3F[H] then VW/RW = VH/RH
8
6
C
D
e
o
u
n
t
e
r
e
c
o
d
Cascade
DW
CM
Control
Logic
2
VL/RL
VW/RW
Cascade Mode
The X9241A provides a mechanism for cascading the
arrays. That is, the sixty-three resistor elements of one
array may be cascaded (linked) with the resistor
elements of an adjacent array. The VL/RL of the higher
order array must be connected to the VH/RH of the
lower order array (See Figure 9).
Cascade Control Bits
The data byte, for the three-byte commands, contains 6
bits (LSBs) for defining the wiper position plus two high
order bits, CM (Cascade Mode) and DW (Disable
Wiper, normal operation).
The state of the CM bit (bit 7 of WCR) enables or
disables cascade mode. When the CM bit of the WCR
is set to “0” the potentiometer is in the normal operation
mode. When the CM bit of the WCR is set to “1” the
potentiometer is cascaded with its adjacent higher
order potentiometer. For example; if bit 7 of WCR2 is
set to “1”, pot 2 will be cascaded to pot 3.
The state of DW enables or disables the wiper. When
the DW bit of the WCR is set to “0” the wiper is enabled;
when set to “1” the wiper is disabled. If the wiper is
disabled, the wiper terminal will be electrically isolated
and float.
When operating in cascade mode VH/RH, VL/RL and
the wiper terminals of the cascaded arrays must be
electrically connected externally. All but one of the
wipers must be disabled. The user can alter the wiper
position by writing directly to the WCR or indirectly by
transferring the contents of the Data Registers to the
WCR or by using the Increment/Decrement command.
When using the Increment/Decrement command the
wiper position will automatically transition between
arrays. The current position of the wiper can be
determined by reading the WCR registers; if the DW bit
is “0”, the wiper in that array is active. If the current
wiper position is to be maintained on power-down a
global XFR WCR to Data Register command must be
issued to store the position in NV memory before
power-down.


Similar Part No. - X9241AMVI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AMVI INTERSIL-X9241AMVI Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AMVI INTERSIL-X9241AMVI Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMVI INTERSIL-X9241AMVI Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AMVIZ INTERSIL-X9241AMVIZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AMVIZ INTERSIL-X9241AMVIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
More results

Similar Description - X9241AMVI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com