Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NTE1702 Datasheet(PDF) 1 Page - NTE Electronics

Part No. NTE1702
Description  Integrated Circuit Color ACC Circuit for VCR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE1702 Datasheet(HTML) 1 Page - NTE Electronics

  NTE1702 Datasheet HTML 1Page - NTE Electronics NTE1702 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE1702
Integrated Circuit
Color ACC Circuit for VCR
Description:
The NTE1702 is an integrated circuit in an 18–Lead DIP type package designed for VCR color ACC
and constitute a color processing circuit by combining with the NTE1703 and the NTE15010.
Features:
D The Functions Consist of:
ACC Circuit
Balanced Mulitvibrator
Burst 6dB UP/DOWN Circuit
Playback Amplifier
D Supply Voltage Either 9V or 12V
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Supply Voltage, VCC
14.4V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power Dissipation (TA = +70°C), PD
550mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Ambient Temperature Range, Topr
–20
° to +70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–40
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (VCC = 12V, TA = +25°C ±2°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Circuit Current
I13
20
40
mA
Record AGC Output Amplitude (Burst AGC)
V17–1
u1 Chroma, 0.2VP–P
0.3
0.65
VP–P
Record AGC Control Sensitivity (Burst AGC)
Du17−1
+6dB to –15dB
3.5
dB
Record AGC Control Sensitivity (Chroma AGC)
Du17−2
CY Signal
2
5
dB
Record/Playback Crosstalk
CT17
u1 = 3.58MHz, 0.1VP–P
–40
dB
Record Burst Gate Gain
GV16–3
u16 Chroma Signal, 0.4VP–P
12.9
16.1
dB
Playback Burst Gate Gain
GV6–3
u6 Chroma Signal, 0.2VP–P
18.4
21.6
dB
B.M. Output Amplitude
uO12
1.0
1.5
VP–P
B.M. Carrier Leakage
CL12
–40
dB
Burst Emphasis Amount
G(Emph)
5
7
dB
Burst De–Emphasis Amount
G(D–Emph)
–7
–5
dB
Note 1. Operating Supply Voltage: VCC(opr) = 8.5V to 13V


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn