Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-13R1C29-A4T2U3 Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-13R1C29-A4T2U3
Description  REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-13R1C29-A4T2U3 Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-13R1C29-A4T2U3 Datasheet HTML 1Page - Seiko Instruments Inc S-13R1C29-A4T2U3 Datasheet HTML 2Page - Seiko Instruments Inc S-13R1C29-A4T2U3 Datasheet HTML 3Page - Seiko Instruments Inc S-13R1C29-A4T2U3 Datasheet HTML 4Page - Seiko Instruments Inc S-13R1C29-A4T2U3 Datasheet HTML 5Page - Seiko Instruments Inc S-13R1C29-A4T2U3 Datasheet HTML 6Page - Seiko Instruments Inc S-13R1C29-A4T2U3 Datasheet HTML 7Page - Seiko Instruments Inc S-13R1C29-A4T2U3 Datasheet HTML 8Page - Seiko Instruments Inc S-13R1C29-A4T2U3 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
S-13R1 Series
REVERSE CURRENT PROTECTION
www.sii-ic.com
CMOS VOLTAGE REGULATOR
© SII Semiconductor Corporation, 2012-2014
Rev.1.2_01
1
The S-13R1 Series, developed by using the CMOS technology, is a positive voltage regulator IC of 150 mA output current,
which has low dropout voltage, high-accuracy output voltage and low current consumption.
Even with low current consumption of 5
μA typ., it has high ripple-rejection of 70 dB typ., and a ceramic capacitor of 1.0 μF or
more can be used as the input and output capacitors.
The S-13R1 Series includes an overcurrent protection circuit that prevents the load current from exceeding the current
capacity of the output transistor and a thermal shutdown circuit that prevents damage because of overheating.
Due to the built-in reverse current protection function, the reverse current flowing from the VOUT pin to the VIN pin can be
controlled as the small value 0.09
μA max. Therefore, IC protection diode is not needed.
Features
• Output voltage:
1.2 V to 4.0 V, selectable in 0.05 V step
• Input voltage:
2.0 V to 5.5 V
• Output voltage accuracy:
±1.0% (1.2 V to 1.45 V output product: ±15 mV)
• Dropout voltage:
150 mV typ. (3.0 V output product, IOUT = 100 mA)
• Current consumption:
During operation:
5
μA typ., 9 μA max.
During power-off:
0.1
μA typ., 1.0 μA max.
• Output current:
Possible to output 150 mA (VIN
≥ VOUT(S) + 1.0 V)*1
• Input and output capacitors:
A ceramic capacitor of 1.0
μF or more can be used.
• Ripple rejection:
70 dB typ. (3.0 V output product, f = 1.0 kHz)
• Reverse current protection function:
IREV = 0.09
μA max.
• Built-in overcurrent protection circuit:
Limits overcurrent of output transistor.
• Built-in thermal shutdown circuit:
Prevents damage caused by heat.
• Built-in ON / OFF circuit:
Ensures long battery life.
• Constant current source pull-down is selectable.
• Discharge shunt function is selectable.
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
*1. Attention should be paid to the power dissipation of the package when the output current is large.
Applications
• Constant-voltage power supply for battery-powered device
• Constant-voltage power supply for portable equipment
• Constant-voltage power supply for home electric appliance
• Constant-voltage power supply for mobile phone
Packages
• SOT-23-5
• SC-82AB
• HSNT-4 (1010)


Similar Part No. - S-13R1C29-A4T2U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13R1C29-A4T2U3 ABLIC-S-13R1C29-A4T2U3 Datasheet
636Kb / 49P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
More results

Similar Description - S-13R1C29-A4T2U3

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
   Reverse-current/voltage Protection
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4632 ONSEMI-NCP4632 Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
1Mb / 30P
   Reverse current protection
July 2014 Rev 1
logo
Seiko Instruments Inc
S13R1 SII-S13R1 Datasheet
972Kb / 49P
   REVERSE CURRENT PROTECTION
logo
ABLIC Inc.
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com