Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SUF203JD Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SUF203JD
Description  Voltage 50 ~ 600 V, 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SUF203JD Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SUF203JD Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SUF203JD Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SUF201JD~SUF205JD
Voltage 50 ~ 600 V, 2.0 Amp
Surface Mount Super Fast Recovery Rectifiers
17-Apr -2015 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Low forward surge current
Ideal for surface mounted applications
Low leakage current
MECHANICAL DATA
Case: JEDEC SOD-123JD
Terminals: Solder Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
MARKING
Part Number
Marking Code
Part Number
Marking Code
SUF201JD
SUF204JD
E2M
SUF202JD
SUF205JD
E2H
SUF203JD
E2L
PACKAGE INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Part Number
Parameter
Symbol
SUF201JD
SUF202JD
SUF203JD
SUF204JD
SUF205JD
Unit
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
V
Maximum Average Forward Rectified
Current
IF
2
A
Peak Forward Surge Current, 8.3ms single
half sine-wave superimposed on rated load
IFSM
50
A
Maximum Instantaneous Forward Voltage
IF=2A @ 25°C
VF
1
1.25
1.7
V
TA=25°C
5
Maximum DC Reverse Current
at Rated DC Blocking Voltage
TA=125°C
IR
100
µA
Maximum Reverse Recovery Time
1
TRR
35
nS
Typical Junction Capacitance
3
CJ
62
pF
Typical Thermal Resistance
2
RθJL
20
°C/W
Typical Thermal Resistance
2
RθJC
40
°C/W
Operating & Storage Temperature
TJ,TSTG
-55~ 150
°C
Notes:
1.
Measured with IF=0.5A,IR=1A,IRR=0.25A
2.
P.C.B. mounted with 10 X 10 x 0.2 mm copper pad areas.
3.
Measured at 1 MHz and applied reverse voltage of 4 V D.C
Package
MPQ
Leader Size
SOD-123JD
3K
7’ inch
SOD-123JD
E
F
B
C
D
A
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.6
2.9
E
0.1
0.2
B
1.7
1.9
F
0.8
1.1
C
0.9
1.1
G
0.7
0.9
D
3.5
3.8


Similar Part No. - SUF203JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF203A SECOS-SUF203A Datasheet
236Kb / 2P
   2.0AMP Surface Mount Super Fast Recovery Rectifiers
SUF203AM SECOS-SUF203AM Datasheet
226Kb / 2P
   Voltage 50 ~ 600 V 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF203B SECOS-SUF203B Datasheet
203Kb / 2P
   2.0AMP Surface Mount Super Fast Recovery Rectifiers
More results

Similar Description - SUF203JD

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SUF201AM SECOS-SUF201AM Datasheet
226Kb / 2P
   Voltage 50 ~ 600 V 2.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF101AM SECOS-SUF101AM Datasheet
189Kb / 2P
   Voltage 50 ~ 600 V 1.0 Amp Surface Mount Super Fast Recovery Rectifiers
SUF301AM SECOS-SUF301AM Datasheet
225Kb / 2P
   Voltage 50 ~ 600 V 3.0 Amp Surface Mount Super Fast Recovery Rectifiers
SMF201AM SECOS-SMF201AM Datasheet
187Kb / 2P
   Voltage 50 ~ 1000 V 2.0 Amp Fast Recovery Rectifiers
logo
Central Semiconductor C...
CMR2S-02 CENTRAL-CMR2S-02_13 Datasheet
298Kb / 2P
   SURFACE MOUNT SILICON SUPER FAST RECOVERY RECTIFIERS 2.0 AMP, 200 THRU 600 VOLT
logo
Taiwan Semiconductor Co...
RS2A TSC-RS2A_11 Datasheet
190Kb / 2P
   2.0 AMP. Surface Mount Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
SMU21B GWSEMI-SMU21B Datasheet
69Kb / 2P
   2.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMF201B GWSEMI-SMF201B Datasheet
69Kb / 2P
   2.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
SMU21A GWSEMI-SMU21A Datasheet
70Kb / 2P
   2.0 AMP SURFACE MOUNT SUPER FAST RECTIFIERS
SMF201A GWSEMI-SMF201A Datasheet
69Kb / 2P
   2.0 AMP SURFACE MOUNT FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com