Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-85S0AB35-I6T1U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-85S0AB35-I6T1U
Description  5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-85S0AB35-I6T1U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-85S0AB35-I6T1U Datasheet HTML 1Page - Seiko Instruments Inc S-85S0AB35-I6T1U Datasheet HTML 2Page - Seiko Instruments Inc S-85S0AB35-I6T1U Datasheet HTML 3Page - Seiko Instruments Inc S-85S0AB35-I6T1U Datasheet HTML 4Page - Seiko Instruments Inc S-85S0AB35-I6T1U Datasheet HTML 5Page - Seiko Instruments Inc S-85S0AB35-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-85S0AB35-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-85S0AB35-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-85S0AB35-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
S-85S0A Series
www.sii-ic.com
5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN
SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
© SII Semiconductor Corporation, 2017
Rev.1.0_00
1
The S-85S0A Series introduces own distinctive low power consumption control and COT (Constant On-Time) control,
features ultra low current consumption (260 nA quiescent current) and fast transient response, operates at PFM control.
The S-85S0A Series realizes high efficiency in a wide range of load current consumption and provides strong support for
extended period operation of mobile devices and wearable devices which are equipped with compact batteries.
The S-85S0A Series can configure a step-down regulator only with a coil, an input capacitor, and an output capacitor. By
using external parts recommended in this datasheet, the occupancy area can be reduced to 1.6 mm
× 4.3 mm = 6.9 mm
2,
and it contributes to miniaturization of electronic equipment.
Features
Applications
• Ultra low current consumption:
260 nA quiescent current
• Wearable device
• Efficiency (when under 100 μA load):
90.5%
• Bluetooth device
• Fast transient response:
COT control
• Wireless sensor network device
• Input voltage:
2.2 V to 5.5 V
• Healthcare equipment
• Output voltage:
0.7 V to 2.5 V, in 0.05 V step
• Smart meter
2.6 V to 3.9 V, in 0.1 V step
• Portable game device
• Output voltage accuracy:
±1.5% (1.0 V
VOUT 3.9 V)
Package
• SNT-6A
(1.80 mm
× 1.57 mm × t0.5 mm max.)
±15 mV (0.7 V
VOUT < 1.0 V)
• High side power MOS FET on-resistance:
420 m
Ω
• Low side power MOS FET on-resistance:
320 m
Ω
• Soft-start function:
1 ms typ.
• Under voltage lockout function (UVLO):
1.8 V typ. (detection voltage)
• Thermal shutdown function:
135°C typ. (detection temperature)
• Overcurrent limit function:
300 mA (at L = 2.2
μH)
• Automatic recovery type short-circuit protection function:Hiccup control
• Input and output capacitors:
Ceramic capacitor compatible
• Operation temperature range:
Ta =
−40°C to +85°C
• Lead-free (Sn 100%), halogen-free
Typical Application Circuit
VSS
VIN
CIN
4.7
F
PVSS
VOUT
EN
SW
COUT
4.7
F
L
2.2
H
VOUT
VIN
Efficiency
VOUT(S) = 1.8 V
IOUT [mA]
0.1
1
0.01
100
10
0
100
80
60
40
20
VIN = 2.5 V
VIN = 3.6 V
VIN = 4.2 V


Similar Part No. - S-85S0AB35-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85S0AB35-I6T1U ABLIC-S-85S0AB35-I6T1U Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
More results

Similar Description - S-85S0AB35-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1A SII-S85S1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
S-85S0P ABLIC-S-85S0P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85M0A ABLIC-S-85M0A Datasheet
550Kb / 28P
   5.6 V INPUT, 50 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_01
S-85S1P ABLIC-S-85S1P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
   5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com