Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-85S0AB25-I6T1U Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-85S0AB25-I6T1U
Description  5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-85S0AB25-I6T1U Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-85S0AB25-I6T1U Datasheet HTML 6Page - Seiko Instruments Inc S-85S0AB25-I6T1U Datasheet HTML 7Page - Seiko Instruments Inc S-85S0AB25-I6T1U Datasheet HTML 8Page - Seiko Instruments Inc S-85S0AB25-I6T1U Datasheet HTML 9Page - Seiko Instruments Inc S-85S0AB25-I6T1U Datasheet HTML 10Page - Seiko Instruments Inc S-85S0AB25-I6T1U Datasheet HTML 11Page - Seiko Instruments Inc S-85S0AB25-I6T1U Datasheet HTML 12Page - Seiko Instruments Inc S-85S0AB25-I6T1U Datasheet HTML 13Page - Seiko Instruments Inc S-85S0AB25-I6T1U Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
S-85S0A Series
Rev.1.0_00
10
8. Automatic recovery type short-circuit protection function (Hiccup control)
The S-85S0A Series has a built-in automatic recovery type short-circuit protection function for Hiccup control.
Hiccup control is a method for periodically carrying out automatic recovery when the IC detects overcurrent and
stops the switching operation.
8. 1 When over load status is released
<1> Overcurrent detection
<2> Under voltage protection circuit (UVP circuit) detects a drop in the output voltage (VOUT).
<3> 220
μs elapse
<4> Switching operation stop (for 9 ms typ.)
<5> Overload status release
<6> The IC restarts, soft-start function starts.
In this case, it is unnecessary to input an external reset signal for restart.
<7> VOUT reaches VOUT(S) after 1.0 ms typ. elapses.
<1>
<5>
<2>
<4>
<6>
<3>
<7>
VSW
VOUT
IL
*1
220
s
9.0 ms typ.
1.0 ms typ.
ILIMDET = 120 mA typ.
IOUT = 50 mA max.
0 A
0 V
0 V
VOUT(S)
VUVP typ.
Overload status
Normal load status
*1. Inductor current
Figure 4
8. 2 When over load status continues
<1> Overcurrent detection
<2> The UVP circuit detects a drop in VOUT.
<3> 220
μs elapse
<4> Switching operation stop (for 9 ms typ.)
<5> The IC restarts, soft-start function starts.
<6> The status returns to <2> when over load status continues after 1.25 ms typ. elapses.
<1>
<2>
<4>
<5>
<2>
<4>
<3>
<3>
<6>
VSW
VOUT
IL
*1
220
s
220
s
9.0 ms typ.
9.0 ms typ.
1.25 ms typ.
ILIMDET = 120 mA typ.
IOUT = 50 mA max.
0 A
0 V
0 V
VOUT(S)
VUVP typ.
Overload status
*1. Inductor current
Figure 5


Similar Part No. - S-85S0AB25-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85S0AB25-I6T1U ABLIC-S-85S0AB25-I6T1U Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
More results

Similar Description - S-85S0AB25-I6T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-85S0A ABLIC-S-85S0A Datasheet
1Mb / 30P
   5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1A SII-S85S1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85S1A ABLIC-S-85S1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.4_00
S-85S0P ABLIC-S-85S0P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 50 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.2_00
logo
Seiko Instruments Inc
S85S1P SII-S85S1P Datasheet
3Mb / 38P
   POWER MONITORING OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85M0A ABLIC-S-85M0A Datasheet
550Kb / 28P
   5.6 V INPUT, 50 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_01
S-85S1P ABLIC-S-85S1P Datasheet
1Mb / 38P
   SUPPLY VOLTAGE DIVIDED OUTPUT, 5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.5_01
S-85M1A ABLIC-S-85M1A Datasheet
674Kb / 28P
   5.6 V INPUT, 200 mA, LOW EMI, SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 260 nA QUIESCENT CURRENT
Rev.1.0_00
logo
Seiko Instruments Inc
S85V1A SII-S85V1A Datasheet
2Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 uA QUIESCENT CURRENT
logo
ABLIC Inc.
S-85V1A ABLIC-S-85V1A Datasheet
1Mb / 30P
   5.5 V INPUT, 200 mA SYNCHRONOUS STEP-DOWN SWITCHING REGULATOR WITH 10 ?쵡 QUIESCENT CURRENT
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com