Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241AYPI Datasheet(PDF) 4 Page - Xicor Inc.

Part # X9241AYPI
Description  Quad Digitally Controlled Potentiometer (XDCP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241AYPI Datasheet(HTML) 4 Page - Xicor Inc.

  X9241AYPI Datasheet HTML 1Page - Xicor Inc. X9241AYPI Datasheet HTML 2Page - Xicor Inc. X9241AYPI Datasheet HTML 3Page - Xicor Inc. X9241AYPI Datasheet HTML 4Page - Xicor Inc. X9241AYPI Datasheet HTML 5Page - Xicor Inc. X9241AYPI Datasheet HTML 6Page - Xicor Inc. X9241AYPI Datasheet HTML 7Page - Xicor Inc. X9241AYPI Datasheet HTML 8Page - Xicor Inc. X9241AYPI Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
X9241A
Characteristics subject to change without notice.
4 of 18
REV 1.1.13 12/09/02
www.xicor.com
Acknowledge Polling
The disabling of the inputs, during the internal
nonvolatile write operation, can be used to take
advantage of the typical 5ms EEPROM write cycle
time. Once the stop condition is issued to indicate the
end of the nonvolatile write command the X9241A
initiates the internal write cycle. ACK polling can be
initiated immediately. This involves issuing the start
condition followed by the device slave address. If the
X9241A is still busy with the write operation no ACK
will be returned. If the X9241A has completed the
write operation an ACK will be returned and the
master can then proceed with the next operation.
Flow 1. ACK Polling Sequence
Instruction Structure
The next byte sent to the X9241A contains the
instruction and register pointer information. The four
most significant bits are the instruction. The next four
bits point to one of four pots and when applicable they
point to one of four associated registers. The format is
shown below in Figure 2.
Figure 2. Instruction Byte Format
The four high order bits define the instruction. The next
two bits (P1 and P0) select which one of the four
potentiometers is to be affected by the instruction. The
last two bits (R1 and R0) select one of the four
registers that is to be acted upon when a register
oriented instruction is issued.
Four of the nine instructions end with the transmission
of the instruction byte. The basic sequence is
illustrated in Figure 3. These two-byte instructions
exchange data between the WCR and one of the data
registers. A transfer from a Data Register to a WCR is
essentially a write to a static RAM. The response of
the wiper to this action will be delayed tSTPWV. A
transfer from WCR current wiper position, to a Data
Register is a write to nonvolatile memory and takes a
minimum of tWR to complete. The transfer can occur
between one of the four potentiometers and one of its
associated registers; or it may occur globally, wherein
the
transfer
occurs
between
all
four
of
the
potentiometers and one of their associated registers.
Four instructions require a three-byte sequence to
complete. These instructions transfer data between
the host and the X9241A; either between the host and
one of the Data Registers or directly between the host
and the WCR. These instructions are: Read WCR,
read the current wiper position of the selected pot;
Write WCR, change current wiper position of the
selected pot; Read Data Register, read the contents of
the selected nonvolatile register; Write Data Register,
write a new value to the selected Data Register. The
sequence of operations is shown in Figure 4.
Nonvolatile Write
Command Completed
Enter ACK Polling
Issue
START
Issue Slave
Address
ACK
Returned?
FurTher
OperaTion?
Issue
Instruction
Proceed
Issue STOP
No
Yes
Yes
Proceed
Issue STOP
No
I1
I2
I3
I0
P1
P0
R1
R0
Potentiometer
Select
Register
Select
Instructions


Similar Part No. - X9241AYPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241AYPI INTERSIL-X9241AYPI Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AYPI INTERSIL-X9241AYPI Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241AYPIZ INTERSIL-X9241AYPIZ Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241AYPIZ INTERSIL-X9241AYPIZ Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
More results

Similar Description - X9241AYPI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com