Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-57A1NNL2A-M3T2U Datasheet(PDF) 1 Page - Seiko Instruments Inc

Part # S-57A1NNL2A-M3T2U
Description  FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57A1NNL2A-M3T2U Datasheet(HTML) 1 Page - Seiko Instruments Inc

  S-57A1NNL2A-M3T2U Datasheet HTML 1Page - Seiko Instruments Inc S-57A1NNL2A-M3T2U Datasheet HTML 2Page - Seiko Instruments Inc S-57A1NNL2A-M3T2U Datasheet HTML 3Page - Seiko Instruments Inc S-57A1NNL2A-M3T2U Datasheet HTML 4Page - Seiko Instruments Inc S-57A1NNL2A-M3T2U Datasheet HTML 5Page - Seiko Instruments Inc S-57A1NNL2A-M3T2U Datasheet HTML 6Page - Seiko Instruments Inc S-57A1NNL2A-M3T2U Datasheet HTML 7Page - Seiko Instruments Inc S-57A1NNL2A-M3T2U Datasheet HTML 8Page - Seiko Instruments Inc S-57A1NNL2A-M3T2U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
S-57A1 A Series
www.sii-ic.com
FOR AUTOMOTIVE 125°C OPERATION HIGH-WITHSTAND VOLTAGE
HIGH-SPEED UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
© SII Semiconductor Corporation, 2013-2017
Rev.1.7_00
1
This IC, developed by CMOS technology, is a high-accuracy Hall effect switch IC that operates with high temperature and
high-withstand voltage.
The output voltage changes when this IC detects the intensity level of magnetic flux density. Using this IC with a magnet
makes it possible to detect the open / close and rotation status in various devices.
This IC includes a reverse voltage protection circuit and an output current limit circuit.
High-density mounting is possible by using the small SOT-23-3 package.
Due to its high-accuracy magnetic characteristics, this IC can make operation's dispersion in the system combined with
magnet smaller.
SII Semiconductor Corporation offers a "magnetic simulation service" that provides the ideal combination of magnets and our
Hall effect ICs for customer systems. Our magnetic simulation service will reduce prototype production, development period
and development costs. In addition, it will contribute to optimization of parts to realize high cost performance.
For more information regarding our magnetic simulation service, contact our sales office.
Caution This product can be used in vehicle equipment and in-vehicle equipment. Before using the product in the
purpose, contact to SII Semiconductor Corporation is indispensable.
Features
• Pole detection
*1:
Detection of S pole, detection of N pole
• Output logic
*1:
Active "L"
Active "H"
• Output form
*1:
Nch open-drain output
Nch driver
+ built-in pull-up resistor
• Magnetic sensitivity
*1:
BOP = 3.0 mT typ.
BOP = 6.0 mT typ.
• Chopping frequency:
fC = 250 kHz typ.
• Output delay time:
tD = 16.0
μs typ.
• Power supply voltage range:
VDD = 3.5 V to 26.0 V
• Built-in regulator
• Built-in reverse voltage protection circuit
• Built-in output current limit circuit
• Operation temperature range:
Ta =
−40°C to +125°C
• Lead-free (Sn 100%), halogen-free
• AEC-Q100 qualified
*2
*1. The option can be selected.
*2. Contact our sales office for details.
Applications
• Automobile equipment
• Home appliance
• DC brushless motor
• Housing equipment
• Industrial equipment
Package
• SOT-23-3


Similar Part No. - S-57A1NNL2A-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57A1NNL2A-M3T2U SII-S-57A1NNL2A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
More results

Similar Description - S-57A1NNL2A-M3T2U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S5712E SII-S5712E Datasheet
1Mb / 31P
   HIGH-SPEED LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-57B1 SII-S-57B1 Datasheet
1Mb / 20P
   OPERATION HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S-57P1-S SII-S-57P1-S Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S5712A SII-S5712A Datasheet
2Mb / 43P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S-5713A SII-S-5713A Datasheet
187Kb / 16P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
S-57A1NSL1A-M3T2U SII-S-57A1NSL1A-M3T2U Datasheet
886Kb / 15P
   HIGH-SPEED UNIPOLAR DETECTION TYPE HALL IC
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S5718 SII-S5718 Datasheet
2Mb / 28P
   LOW VOLTAGE OPERATION OMNIPOLAR / UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC WITH SWITCHABLE DETECTION POLE FUNCTION
S5717 SII-S5717 Datasheet
1Mb / 19P
   LOW VOLTAGE OPERATION BOTH POLES / UNIPOLAR DETECTION TYPE HALL IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com