Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-57P1NBL9S-M3T4U Datasheet(PDF) 5 Page - Seiko Instruments Inc

Part # S-57P1NBL9S-M3T4U
Description  FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57P1NBL9S-M3T4U Datasheet(HTML) 5 Page - Seiko Instruments Inc

  S-57P1NBL9S-M3T4U Datasheet HTML 1Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 2Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 3Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 4Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 5Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 6Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 7Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 8Page - Seiko Instruments Inc S-57P1NBL9S-M3T4U Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
FOR AUTOMOTIVE 150°C OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
Rev.1.2_01
S-57P1 S Series
5
Electrical Characteristics
Table 6
(Ta =
+25°C, VDD = 12.0 V, VSS = 0 V unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Power supply voltage
VDD
2.7
12.0
26.0
V
Current consumption
IDD
Average value
3.0
4.0
mA
1
Current consumption
during reverse connection
IDDREV VDD =
−26.0 V
−0.1
mA
1
Output voltage
VOUT
IOUT = 10 mA
0.4
V
2
Leakage current
ILEAK
Output transistor Nch, VOUT = 26.0 V
1
μA
3
Output limit current
IOM
VOUT = 12.0 V
22
70
mA
3
Output delay time
tD
8.0
μs
Chopping frequency
fC
500
kHz
Start up time
tPON
20
μs
4
Output rise time
tR
C = 20 pF, R = 820
Ω
2.0
μs
5
Output fall time
tF
C = 20 pF, R = 820
Ω
2.0
μs
5
BOP
BRP
Magnetic flux density
applied to this IC (B)
0
Output voltage (VOUT)
(Product with VOUT = "H"
at S pole detection)
Output voltage (VOUT)
(Product with VOUT = "L"
at S pole detection)
S pole
N pole
90%
10%
90%
10%
tD
tF
tD
tR
tD
tR
tD
tF
Figure 3 Operation Timing


Similar Part No. - S-57P1NBL9S-M3T4U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-57P1NBL9S-M3T4U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57K1-A SII-S-57K1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED BIPOLAR HALL EFFECT LATCH IC
S-57A1-A SII-S-57A1-A Datasheet
1Mb / 17P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE HIGH-SPEED UNIPOLAR DETECTION TYPE HALL EFFECT SWITCH IC
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
ABLIC Inc.
S-576ZB ABLIC-S-576ZB Datasheet
877Kb / 38P
   125°C OPERATION, HIGH-WITHSTAND VOLTAGE, HIGH-SPEED, ZCLTM HALL EFFECT IC
Rev.1.1_00
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com