Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-57M1NBH1B-M3T1U Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-57M1NBH1B-M3T1U
Description  HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-57M1NBH1B-M3T1U Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-57M1NBH1B-M3T1U Datasheet HTML 5Page - Seiko Instruments Inc S-57M1NBH1B-M3T1U Datasheet HTML 6Page - Seiko Instruments Inc S-57M1NBH1B-M3T1U Datasheet HTML 7Page - Seiko Instruments Inc S-57M1NBH1B-M3T1U Datasheet HTML 8Page - Seiko Instruments Inc S-57M1NBH1B-M3T1U Datasheet HTML 9Page - Seiko Instruments Inc S-57M1NBH1B-M3T1U Datasheet HTML 10Page - Seiko Instruments Inc S-57M1NBH1B-M3T1U Datasheet HTML 11Page - Seiko Instruments Inc S-57M1NBH1B-M3T1U Datasheet HTML 12Page - Seiko Instruments Inc S-57M1NBH1B-M3T1U Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
HIGH-SPEED BIPOLAR HALL EFFECT LATCH
Rev.1.2_01
S-57M1 Series
9
Operation
1. Direction of applied magnetic flux
The S-57M1 Series detects the magnetic flux density which is vertical to the marking surface.
Figure 10 shows the direction in which magnetic flux is being applied.
Marking surface
S
N
Figure 10
2. Position of Hall sensor
Figure 11 shows the position of Hall sensor.
The center of this Hall sensor is located in the area indicated by a circle, which is in the center of a package as
described below.
The following also shows the distance (typ. value) between the marking surface and the chip surface of a package.
1
Top view
2
3
0.7 mm (typ.)
The center of Hall sensor;
in this
φ 0.3 mm
Figure 11


Similar Part No. - S-57M1NBH1B-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-57M1NBH1B-M3T1U SII-S-57M1NBH1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
More results

Similar Description - S-57M1NBH1B-M3T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-5725CNBL9-M3T1U SII-S-5725CNBL9-M3T1U Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57P1NBL9S-M3T4U SII-S-57P1NBL9S-M3T4U Datasheet
1Mb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57M1NBL1B-M3T1U SII-S-57M1NBL1B-M3T1U Datasheet
947Kb / 16P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-57K1NBL1A-M3T2U SII-S-57K1NBL1A-M3T2U Datasheet
893Kb / 15P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5724CNBL1-M3T1U SII-S-5724CNBL1-M3T1U Datasheet
1Mb / 29P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S5725 SII-S5725 Datasheet
1Mb / 31P
   HIGH-SPEED BIPOLAR HALL EFFECT LATCH
S-5742NBL0B-Y3N2U SII-S-5742NBL0B-Y3N2U Datasheet
1Mb / 21P
   BIPOLAR HALL EFFECT LATCH
S5724 SII-S5724 Datasheet
1Mb / 29P
   LOW VOLTAGE OPERATION HIGH-SPEED BIPOLAR HALL EFFECT LATCH
logo
Infineon Technologies A...
TLE4946K INFINEON-TLE4946K Datasheet
703Kb / 19P
   High Precision Bipolar Hall-Effect Latch
Rev 1.0, September 2007
TLE4946-1L INFINEON-TLE4946-1L_08 Datasheet
667Kb / 17P
   High Precision Bipolar Hall-Effect Latch
Rev 1.2, December 2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com