Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCA3106A1620-29PW-BSN-F Datasheet(PDF) 7 Page - DDK Ltd.

Part # DCA3106A1620-29PW-BSN-F
Description  Reverse Bayonet Coupling Connectors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

DCA3106A1620-29PW-BSN-F Datasheet(HTML) 7 Page - DDK Ltd.

Back Button DCA3106A1620-29PW-BSN-F Datasheet HTML 3Page - DDK Ltd. DCA3106A1620-29PW-BSN-F Datasheet HTML 4Page - DDK Ltd. DCA3106A1620-29PW-BSN-F Datasheet HTML 5Page - DDK Ltd. DCA3106A1620-29PW-BSN-F Datasheet HTML 6Page - DDK Ltd. DCA3106A1620-29PW-BSN-F Datasheet HTML 7Page - DDK Ltd. DCA3106A1620-29PW-BSN-F Datasheet HTML 8Page - DDK Ltd. DCA3106A1620-29PW-BSN-F Datasheet HTML 9Page - DDK Ltd. DCA3106A1620-29PW-BSN-F Datasheet HTML 10Page - DDK Ltd. DCA3106A1620-29PW-BSN-F Datasheet HTML 11Page - DDK Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
http://www.ddknet.co.jp
DCA-A-F Series
7
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
○Insert Arrangement List
Insert
No.
Number of
Contact
Service
Rating
Contact Size
Alternate Insert Key
#0
#4
#8
#12
#16
W
X
Y
Z
12S-3
2
A
2
70°
145°
215°
290°
14S-1
3
A
3
14S-2
4
INST
4
120°
240°
14S-5
5
INST
5
110°
14S-6
6
INST
6
14S-7
3
A
3
90°
180°
270°
14S-9
2
A
2
70°
145°
215°
290°
16S-1
7
A
7
80°
280°
16S-5
3
A
3
70°
145°
215°
290°
16S-8
5
A
5
170°
265°
16-10
3
A
3
90°
180°
270°
18-1
10
A
4
70°
145°
215°
290°
INST
6
120°
240°
18-4
4
D
4
35°
110°
250°
325°
18-5
3
D
2
1
80°
110°
250°
280°
18-8
8
A
1
7
70°
290°
18-10
4
A
4
120°
240°
18-11
5
A
5
170°
265°
18-12
6
A
6
80°
280°
18-19
10
A
10
120°
240°
18-20
5
A
5
90°
180°
270°
18-21
3
A
3
18-22
3
D
3
70°
145°
215°
290°
20-2
1
D
1
20-4
4
D
4
45°
110°
250°
325°
20-7
8
D
4
80°
110°
250°
280°
A
4
20-11
13
A
13
20-15
7
A
7
80°
280°
20-16
9
A
2
7
80°
110°
250°
325°
20-17
6
A
5
1
90°
180°
270°
20-18
9
A
3
6
35°
110°
250°
325°
20-22
6
A
3
3
80°
280°
20-23
2
A
2
35°
110°
250°
325°
20-27
14
A
14
35°
110°
250°
325°
20-29
17
A
17
80°
280°
20-33
11
A
11
● symbol means both pin and receptacle contacts are available
Front face of Pin Insert or Rear face of socket insert
DCA3101Exxxx-xxP/Sx-x-BSN-0
Cable Receptacle Connector
K-512552(6/6)
Alternate Insert Positions
Insert No.
10SL-3
W
X
Y
Z
-
-
-
-
10SL-4
-
-
-
-
12S-3
70 145 215 290
14S-2
-
120 240 -
14S-5
-
110 -
-
14S-6
-
-
-
-
14S-7
90 180 270 -
16S-1
80
-
-
280
16S-5
70 145 215 290
16S-8
-
170 265 -
16-9
35 110 250 325
16-10
90 180 270 -
18-1
70 145 215 290
18-3
35 110 250 325
18-10
-
120 240 -
18-11
-
170 265 -
18-19
-
120 240 -
20-15
80
-
-
280
20-27
35 110 250 325
20-29
80
-
-
280
20-33
-
22-14
80 110 250 280
22-19
80 110 250 280
24-10
80
-
-
280
24-28
80 110 250 280
28-5B
-
-
-
-
28-21
80 110 250 280
32-17
45 110 250 -
36-3
70 145 215 290
36-10
80 125 235 280
22-22
-
110 250 -
-
-
-
W
Z
Y
Front View of Pin Insert
20-2
-
-
-
-
CL (Normal Position)
W
X
Y
Z


Similar Part No. - DCA3106A1620-29PW-BSN-F

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3106E10SL-3PWG-D-BSN-1 DDK-DCA3106E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3106E10SL-3SWG-D-BSN-1 DDK-DCA3106E10SL-3SWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3106E10SL-4PWG-D-BSN-1 DDK-DCA3106E10SL-4PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3106E10SL-4SWG-D-BSN-1 DDK-DCA3106E10SL-4SWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
DCA3106E12S-3PWG-D-BSN-1 DDK-DCA3106E12S-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
More results

Similar Description - DCA3106A1620-29PW-BSN-F

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
DCA3101E10SL-3PWG-D-BSN-1 DDK-DCA3101E10SL-3PWG-D-BSN-1 Datasheet
2Mb / 19P
   Reverse Bayonet Coupling Connectors
logo
Amphenol Corporation
GTC08F16S-4S AMPHENOL-GTC08F16S-4S Datasheet
1Mb / 95P
   Amphenol GT Series Reverse Bayonet Coupling Connectors
logo
Glenair, Inc.
240-ITSJ GLENAIR-240-ITSJ Datasheet
94Kb / 2P
   Jam Nut Mount with Reverse Bayonet Coupling
240-ITSW GLENAIR-240-ITSW Datasheet
91Kb / 2P
   Rear Panel Mount with Reverse Bayonet Coupling
230-021 GLENAIR-230-021 Datasheet
416Kb / 2P
   Bayonet Coupling Box Mount Receptacle
947-292 GLENAIR-947-292 Datasheet
402Kb / 2P
   Bayonet Coupling Jam Nut Mount
230-020 GLENAIR-230-020 Datasheet
266Kb / 2P
   Bayonet Coupling Solder Mount Receptacle
230-015 GLENAIR-230-015 Datasheet
287Kb / 2P
   Bayonet Coupling Jam Nut Receptacle
947-292 GLENAIR-947-292_15 Datasheet
295Kb / 2P
   Bayonet Coupling Jam Nut Mount
logo
Amphenol Corporation
31-242 AMPHENOL-31-242 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com