Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-13A1D27-E8T1U3 Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-13A1D27-E8T1U3
Description  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-13A1D27-E8T1U3 Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-13A1D27-E8T1U3 Datasheet HTML 3Page - Seiko Instruments Inc S-13A1D27-E8T1U3 Datasheet HTML 4Page - Seiko Instruments Inc S-13A1D27-E8T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-13A1D27-E8T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-13A1D27-E8T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-13A1D27-E8T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-13A1D27-E8T1U3 Datasheet HTML 9Page - Seiko Instruments Inc S-13A1D27-E8T1U3 Datasheet HTML 10Page - Seiko Instruments Inc S-13A1D27-E8T1U3 Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 74 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_00
S-13A1 Series
7
2. Function list of product type
Table 1
Product Type ON / OFF Logic
Discharge
Shunt Function
Pull-down
Resistor
Output Voltage Inrush Current Limit Time
Package
A
Active "H"
Available
Available
Internally set
Adjustable via an
external capacitor (CSS)
HSOP-8A,
HSOP-6,
SOT-89-5
Fixed to 0.4 ms typ.
*1
HSNT-6A
Externally set
Fixed to 0.4 ms typ.
*1
HSOP-8A,
HSOP-6,
SOT-89-5
B
Active "H"
Available
Unavailable
Internally set
Adjustable via an
external capacitor (CSS)
HSOP-8A,
HSOP-6,
SOT-89-5
Fixed to 0.4 ms typ.
*1
HSNT-6A
Externally set
Fixed to 0.4 ms typ.
*1
HSOP-8A,
HSOP-6,
SOT-89-5
C
Active "H"
Unavailable
Available
Internally set
Adjustable via an
external capacitor (CSS)
HSOP-8A,
HSOP-6,
SOT-89-5
Fixed to 0.4 ms typ.
*1
HSNT-6A
Externally set
Fixed to 0.4 ms typ.
*1
HSOP-8A,
HSOP-6,
SOT-89-5
D
Active "H"
Unavailable
Unavailable
Internally set
Adjustable via an
external capacitor (CSS)
HSOP-8A,
HSOP-6,
SOT-89-5
Fixed to 0.4 ms typ.
*1
HSNT-6A
Externally set
Fixed to 0.4 ms typ.
*1
HSOP-8A,
HSOP-6,
SOT-89-5
*1. Inrush current limit time is fixed to 0.4 ms typ. that can not be changed.
3. Packages
Table 2 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
Stencil Opening
HSOP-8A
FH008-Z-P-SD
FH008-Z-P-S1
FH008-Z-C-SD
FH008-Z-C-S1
FH008-Z-R-SD
FH008-Z-L-SD
HSOP-6
FH006-A-P-SD
FH006-A-C-SD
FH006-A-R-S1
FH006-A-L-SD
SOT-89-5
UP005-A-P-SD
UP005-A-C-SD
UP005-A-R-SD
HSNT-6A
PJ006-A-P-SD
PJ006-A-C-SD
PJ006-A-R-SD
PJ006-A-LM-SD
PJ006-A-LM-SD


Similar Part No. - S-13A1D27-E8T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13A1D27-E8T1U3 ABLIC-S-13A1D27-E8T1U3 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
More results

Similar Description - S-13A1D27-E8T1U3

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1172 ABLIC-S-1172 Datasheet
601Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.2_03
logo
Seiko Instruments Inc
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com