Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S24C128C-H Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S24C128C-H
Description  FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S24C128C-H Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S24C128C-H Datasheet HTML 1Page - Seiko Instruments Inc S24C128C-H Datasheet HTML 2Page - Seiko Instruments Inc S24C128C-H Datasheet HTML 3Page - Seiko Instruments Inc S24C128C-H Datasheet HTML 4Page - Seiko Instruments Inc S24C128C-H Datasheet HTML 5Page - Seiko Instruments Inc S24C128C-H Datasheet HTML 6Page - Seiko Instruments Inc S24C128C-H Datasheet HTML 7Page - Seiko Instruments Inc S24C128C-H Datasheet HTML 8Page - Seiko Instruments Inc S24C128C-H Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE SERIAL E2PROM
S-24C128C H Series
Rev.2.1_01_H
4
AEC-Q100 Qualified
This IC supports AEC-Q100 for operation temperature grade 2.
Contact our sales office for details of AEC-Q100 reliability specification.
Absolute Maximum Ratings
Table 3
Item
Symbol
Absolute Maximum Ratings
Unit
Power supply voltage
VCC
−0.3 to +6.5
V
Input voltage
VIN
−0.3 to +6.5
V
Output voltage
VOUT
−0.3 to +6.5
V
Operation ambient temperature
Topr
−40 to +105
°C
Storage temperature
Tstg
−65 to +150
°C
Caution
The absolute maximum ratings are rated values exceeding which the product could suffer
physical damage. These values must therefore not be exceeded under any conditions.
Recommended Operating Conditions
Table 4
Item
Symbol
Condition
Ta =
−40°C to +105°C
Unit
Min.
Max.
Power supply voltage
VCC
Read
2.5
5.5
V
Write
2.5
5.5
V
High level input voltage
VIH
VCC = 2.5 V to 5.5 V
0.7
× VCC
5.5
V
Low level input voltage
VIL
VCC = 2.5 V to 5.5 V
−0.3
0.3
× VCC
V
Pin Capacitance
Table 5
(Ta =
+25°C, f = 1.0 MHz, VCC = 5.0 V)
Item
Symbol
Condition
Min.
Max.
Unit
Input capacitance
CIN
VIN = 0 V (SCL, A0, A1, A2, WP)
10
pF
I/O capacitance
CI / O
VI / O = 0 V (SDA)
10
pF
Endurance
Table 6
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Endurance
NW
Ta =
+25°C
106
cycles / word*1
Ta =
−40°C to +85°C
3
× 105
cycles / word*1
Ta =
−40°C to +105°C
2
× 105
cycles / word*1
*1.
For each address (Word: 8 bits)
Data Retention
Table 7
Item
Symbol
Operation Ambient Temperature
Min.
Max.
Unit
Data retention
Ta =
+25°C
100
year
Ta =
−40°C to +85°C
30
year
Ta =
−40°C to +105°C
25
year


Similar Part No. - S24C128C-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C128C SII-S24C128C Datasheet
502Kb / 35P
   FOR AUTOMOTIVE 105째C OPERATION
More results

Similar Description - S24C128C-H

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S-24C32C-H SII-S-24C32C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32CH ABLIC-S-24C32CH Datasheet
534Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24CS01AH ABLIC-S-24CS01AH Datasheet
456Kb / 37P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C16CH ABLIC-S-24C16CH Datasheet
523Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C128CH ABLIC-S-24C128CH Datasheet
502Kb / 35P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.1_03_H
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com