Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-24C64C Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-24C64C
Description  FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-24C64C Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-24C64C Datasheet HTML 1Page - Seiko Instruments Inc S-24C64C Datasheet HTML 2Page - Seiko Instruments Inc S-24C64C Datasheet HTML 3Page - Seiko Instruments Inc S-24C64C Datasheet HTML 4Page - Seiko Instruments Inc S-24C64C Datasheet HTML 5Page - Seiko Instruments Inc S-24C64C Datasheet HTML 6Page - Seiko Instruments Inc S-24C64C Datasheet HTML 7Page - Seiko Instruments Inc S-24C64C Datasheet HTML 8Page - Seiko Instruments Inc S-24C64C Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 35 page
background image
FOR AUTOMOTIVE 105°C OPERATION 2-WIRE SERIAL E2PROM
S-24C32C/64C H Series
Rev.2.1_01_H
2
Pin Configurations
8-Pin SOP (JEDEC)
Top view
Table 1
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
GND
A2
Figure 1
S-24C32CH-J8T2U3
S-24C64CH-J8T2U3
Pin No
Symbol
Description
1
A0
Slave address input
2
A1
Slave address input
3
A2
Slave address input
4
GND
Ground
5
SDA*1
Serial data I/O
6
SCL*1
Serial clock input
7
WP
Write protect input
Connected to VCC:
Protection valid
Open or connected to GND: Protection invalid
8
VCC
Power supply
*1. Do not use it in high impedance.
8-Pin TSSOP
Top view
Table 2
1
2
3
4
8
7
6
5
VCC
WP
SCL
SDA
A0
A1
GND
A2
Figure 2
S-24C32CH-T8T2U3
S-24C64CH-T8T2U3
Pin No
Symbol
Description
1
A0
Slave address input
2
A1
Slave address input
3
A2
Slave address input
4
GND
Ground
5
SDA*1
Serial data I/O
6
SCL*1
Serial clock input
7
WP
Write protect input
Connected to VCC:
Protection valid
Open or connected to GND: Protection invalid
8
VCC
Power supply
*1. Do not use it in high impedance.
Remark See Dimensions for details of the package drawings.


Similar Part No. - S-24C64C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-24C64C SII-S-24C64C Datasheet
2Mb / 44P
   Write protect function during the low power supply voltage
logo
ABLIC Inc.
S-24C64C ABLIC-S-24C64C Datasheet
649Kb / 44P
   2-WIRE SERIAL E2PROM
Rev.4.0_03_H
S-24C64CH ABLIC-S-24C64CH Datasheet
534Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
More results

Similar Description - S-24C64C

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S24C128C-H SII-S24C128C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C16C-H SII-S24C16C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
S24C08C-H SII-S24C08C-H Datasheet
1Mb / 35P
   FOR AUTOMOTIVE OPERATION 2-WIRE SERIAL E2PROM
logo
ABLIC Inc.
S-24C32CH ABLIC-S-24C32CH Datasheet
534Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24CS01AH ABLIC-S-24CS01AH Datasheet
456Kb / 37P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.1_03
S-24C08CH ABLIC-S-24C08CH Datasheet
528Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C16CH ABLIC-S-24C16CH Datasheet
523Kb / 38P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.3.0_01_H
S-24C128CH ABLIC-S-24C128CH Datasheet
502Kb / 35P
   FOR AUTOMOTIVE 105째C OPERATION 2-WIRE SERIAL E2PROM
Rev.2.1_03_H
logo
Seiko Instruments Inc
S-93A46B SII-S-93A46B Datasheet
1Mb / 39P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
S93C86B-H SII-S93C86B-H Datasheet
1Mb / 28P
   FOR AUTOMOTIVE OPERATION 3-WIRE SERIAL E2PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com