Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X9241A Datasheet(PDF) 11 Page - Xicor Inc.

Part # X9241A
Description  Quad Digitally Controlled Potentiometer (XDCP)
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X9241A Datasheet(HTML) 11 Page - Xicor Inc.

Back Button X9241A Datasheet HTML 7Page - Xicor Inc. X9241A Datasheet HTML 8Page - Xicor Inc. X9241A Datasheet HTML 9Page - Xicor Inc. X9241A Datasheet HTML 10Page - Xicor Inc. X9241A Datasheet HTML 11Page - Xicor Inc. X9241A Datasheet HTML 12Page - Xicor Inc. X9241A Datasheet HTML 13Page - Xicor Inc. X9241A Datasheet HTML 14Page - Xicor Inc. X9241A Datasheet HTML 15Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
X9241A
Characteristics subject to change without notice.
11 of 18
REV 1.1.13 12/09/02
www.xicor.com
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise stated.)
Notes: (1) Absolute Linearity is utilized to determine actual wiper voltage versus expected voltage as determined by wiper position when used
as a potentiometer.
(2) Relative Linearity is utilized to determine the actual change in voltage between two successive tap positions when used as a poten-
tiometer. It is a measure of the error in step size.
(3) MI = RTOT/63 or (RH–RL)/63, single pot
(4) Max. = all four arrays cascaded together, Typical = individual array resolutions.
ENDURANCE AND DATA RETENTION
CAPACITANCE
POWER-UP TIMING
POWER-UP REQUIREMENTS (Power Up sequencing can affect correct recall of the wiper registers)
The preferred power-on sequence is as follows: First Vcc, then the potentiometer pins. It is suggested that Vcc
reach 90% of its final value before power is applied to the potentiometer pins. The Vcc ramp rate specification
should be met, and any glitches or slope changes in the Vcc line should be held to <100mV if possible. Also, Vcc
should not reverse polarity by more than 0.5V.
Notes: (5) This parameter is guaranteed by characterization or sample testing.
(6) tPUR and tPUW are the delays required from the time VCC is stable until the specified operation can be initiated. These parameters
are guaranteed by design.
(7) This parameter is guaranteed by design.
(8) Maximum Wiper Current is derated over temperature. See the Wiper Current Derating Curve.
(9) Ti value denotes the maximum noise glitch pulse width that the device will ignore on either SCL or SDA pins. Any noise glitch pulse
width that is greater than this maximum value will be considered as a valid clock or data pulse and may cause communication failure
to the device.
Symbol
Parameter
Limits
Unit
Test Condition
Min.
Typ.
Max.
lCC
Supply current (active)
3
mA
fSCL = 100kHz, SDA = Open,
Other Inputs = VSS
ISB
VCC current (standby)
200
500
µA
SCL = SDA = VCC, Addr. = VSS
ILI
Input leakage current
10
µA
VIN = VSS to VCC
ILO
Output leakage current
10
µA
VOUT = VSS to VCC
VIH
Input HIGH voltage
2
VCC + 1
V
VIL
Input LOW voltage
–1
0.8
V
VOL
Output LOW voltage
0.4
V
IOL = 3mA
Parameter
Min.
Unit
Minimum endurance
100,000
Data changes per bit per register
Data retention
100
Years
Symbol
Parameter
Max.
Unit
Test Condition
CI/O
(5)
Input/output capacitance (SDA)
19
pF
VI/O = 0V
CIN
(5)
Input capacitance (A0, A1, A2, A3 and SCL)
12
pF
VIN = 0V
Symbol
Parameter
Min.
Typ.
Max.
Unit
tPUR
(6)
Power-up to initiation of read operation
1
ms
tPUW
(6)
Power-up to initiation of write operation
5
ms
tRVCC
VCC Power up ramp rate
0.2
50
V/msec


Similar Part No. - X9241A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X9241A INTERSIL-X9241A Datasheet
315Kb / 16P
   Low Powr/2-Wire Serial Bus
X9241A INTERSIL-X9241A Datasheet
262Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
285Kb / 16P
   Quad Digital Controlled Potentionmeters (XDCP??
X9241A INTERSIL-X9241A Datasheet
1Mb / 8P
   DIGITAL POTENTIOMETERS
logo
Renesas Technology Corp
X9241A RENESAS-X9241A Datasheet
722Kb / 17P
   Quad Digital Controlled Potentionmeters (XDCP?? Non-Volatile/Low Power/2-Wire/64 Taps
More results

Similar Description - X9241A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL22444 INTERSIL-ISL22444 Datasheet
724Kb / 19P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9252 XICOR-X9252 Datasheet
126Kb / 21P
   Quad Digitally-Controlled (XDCP) potentiometer
logo
Intersil Corporation
ISL22343 INTERSIL-ISL22343 Datasheet
703Kb / 18P
   Quad Digitally Controlled Potentiometer XDCP
logo
Xicor Inc.
X9251 XICOR-X9251 Datasheet
549Kb / 25P
   Quad Digitally-Controlled (XDCP) Potentiometer
logo
Intersil Corporation
X9251 INTERSIL-X9251_07 Datasheet
331Kb / 20P
   Quad Digitally-Controlled (XDCP?? Potentiometer
ISL22446 INTERSIL-ISL22446 Datasheet
564Kb / 15P
   Quad Digitally Controlled Potentiometer XDCP
X9313 INTERSIL-X9313_08 Datasheet
284Kb / 12P
   Digitally Controlled Potentiometer (XDCP??
X9317 INTERSIL-X9317_09 Datasheet
445Kb / 15P
   Digitally Controlled Potentiometer (XDCP??
logo
Renesas Technology Corp
X9C102 RENESAS-X9C102 Datasheet
522Kb / 10P
   Digitally Controlled Potentiometer (XDCP??
logo
Intersil Corporation
ISL90727 INTERSIL-ISL90727 Datasheet
186Kb / 8P
   Digitally Controlled Potentiometer XDCP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com