Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1240 Datasheet(PDF) 1 Page - Xicor Inc.

Part # X1240
Description  Real Time Clock/Calendar with EEPROM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XICOR [Xicor Inc.]
Direct Link  http://www.xicor.com
Logo XICOR - Xicor Inc.

X1240 Datasheet(HTML) 1 Page - Xicor Inc.

  X1240 Datasheet HTML 1Page - Xicor Inc. X1240 Datasheet HTML 2Page - Xicor Inc. X1240 Datasheet HTML 3Page - Xicor Inc. X1240 Datasheet HTML 4Page - Xicor Inc. X1240 Datasheet HTML 5Page - Xicor Inc. X1240 Datasheet HTML 6Page - Xicor Inc. X1240 Datasheet HTML 7Page - Xicor Inc. X1240 Datasheet HTML 8Page - Xicor Inc. X1240 Datasheet HTML 9Page - Xicor Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Preliminary Information
©Xicor, Inc. 1994, 1995, 1996, 1997, 1998, 1999 Patents Pending
9900-3003.5 12/6/99 CM
1
Characteristics subject to change without notice
16K
2-Wire RTC
Real Time Clock/Calendar with EEPROM
FEATURES
• 2-Wire Interface interoperable with I2C.
—400kHz data transfer rate
• Secondary Power Supply Input with internal
switch-over circuitry.
• Year 2000 Compliant
• 2K bytes of EEPROM
—64 Byte Page Write Mode
—3 bit Block Lock
• Low Power CMOS
—<1
µA Operating Current
—<3mA Active Current during Program
—<400
µA Active Current during Data Read
• Single Byte Write Capability
• Typical Nonvolatile Write Cycle Time: 5ms
• High Reliability
—1,000,000 Endurance Cycles
—Guaranteed Data Retention: 100 Years
• Small Package Options
—8-Lead SOIC Package, 8L TSSOP Package
DESCRIPTION
The X1240 is a Real Time Clock with clock/calendar
circuits. The dual port clock register allows the clock to
operate, without loss of accuracy, even during read and
write operations.
The clock/calendar provides functionality that is con-
trollable and readable through a set of registers. The
clock, using a low cost 32.768kHz crystal input, accu-
rately tracks the time in seconds, minutes, hours, date,
day, month and years. It has leap year correction,
automatic adjustment for the year 2000 and months
with less than 31 days.
The device offers a backup power input pin. This
Vback pin allows the device to be backed up by a non-
rechargeable battery. The RTC is fully operational
from 1.8 to 5.5 volts.
The X1240 provides a 2K byte EEPROM array, giving
a safe, secure memory for critical user and configura-
tion data. This memory is unaffected by complete fail-
ure of the main and backup supplies.
BLOCK DIAGRAM
X1
X2
Oscillator
Frequency
Timer
Logic
Divider
Calendar
8
32.768kHz
Control
Registers
1Hz
Time
Keeping
Registers
Control
Decode
Logic
(EEPROM)
(SRAM)
SCL
SDA
Serial
Interface
Decoder
16K
EEPROM
Array
Register
Status
(SRAM)
X1240


Similar Part No. - X1240

ManufacturerPart #DatasheetDescription
logo
Xicor Inc.
X1243 XICOR-X1243 Datasheet
90Kb / 18P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Intersil Corporation
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
logo
Renesas Technology Corp
X1243 RENESAS-X1243 Datasheet
713Kb / 17P
   16K (2K x 8), 2-Wire RTC Real Time Clock/Calendar/Alarm with EEPROM
April 28, 2005
logo
Texas Instruments
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 48P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
X1243BIGABL TI1-X1243BIGABL Datasheet
864Kb / 49P
[Old version datasheet]   Single-Chip 77- and 79-GHz FMCW Transceiver
More results

Similar Description - X1240

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com