Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-13R1A29-N4T1U3 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-13R1A29-N4T1U3
Description  REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-13R1A29-N4T1U3 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-13R1A29-N4T1U3 Datasheet HTML 5Page - Seiko Instruments Inc S-13R1A29-N4T1U3 Datasheet HTML 6Page - Seiko Instruments Inc S-13R1A29-N4T1U3 Datasheet HTML 7Page - Seiko Instruments Inc S-13R1A29-N4T1U3 Datasheet HTML 8Page - Seiko Instruments Inc S-13R1A29-N4T1U3 Datasheet HTML 9Page - Seiko Instruments Inc S-13R1A29-N4T1U3 Datasheet HTML 10Page - Seiko Instruments Inc S-13R1A29-N4T1U3 Datasheet HTML 11Page - Seiko Instruments Inc S-13R1A29-N4T1U3 Datasheet HTML 12Page - Seiko Instruments Inc S-13R1A29-N4T1U3 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 49 page
background image
REVERSE CURRENT PROTECTION CMOS VOLTAGE REGULATOR
Rev.1.2_01
S-13R1 Series
9
Pin Configurations
1. SOT-23-5
13
2
4
5
Top view
Figure 5
Table 7
Pin No.
Symbol
Description
1
VIN
Input voltage pin
2
VSS
GND pin
3
ON / OFF
ON / OFF pin
4
NC*1
No connection
5
VOUT
Output voltage pin
*1. The NC pin is electrically open.
The NC pin can be connected to the VIN pin or the VSS pin.
2. SC-82AB
12
3
4
Top view
Figure 6
Table 8
Pin No.
Symbol
Description
1
ON / OFF
ON / OFF pin
2
VSS
GND pin
3
VOUT
Output voltage pin
4
VIN
Input voltage pin
3. HSNT-4 (1010)
Top view
14
23
Bottom view
41
32
*1
*1. Connect the heat sink of backside at
shadowed area to the board, and set
electric potential open or GND.
However, do not use it as the function
of electrode.
Figure 7
Table 9
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VSS
GND pin
3
ON / OFF
ON / OFF pin
4
VIN
Input voltage pin


Similar Part No. - S-13R1A29-N4T1U3

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-13R1A29-N4T1U3 ABLIC-S-13R1A29-N4T1U3 Datasheet
636Kb / 49P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
More results

Similar Description - S-13R1A29-N4T1U3

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
SLG59M1639V DIALOG-SLG59M1639V Datasheet
407Kb / 11P
   Reverse-current/voltage Protection
logo
ON Semiconductor
NCP4626 ONSEMI-NCP4626 Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4626DSN033T1G ONSEMI-NCP4626DSN033T1G Datasheet
586Kb / 28P
   300 mA, Low Dropout Voltage Regulator with Reverse Current Protection
August, 2013 ??Rev. 4
NCP4632 ONSEMI-NCP4632 Datasheet
649Kb / 14P
   3A, Low Voltage, Low Dropout Linear Voltage Regulator with Reverse Current Protection
June, 2012 ??Rev. 0
logo
STMicroelectronics
LD39200 STMICROELECTRONICS-LD39200 Datasheet
1Mb / 30P
   Reverse current protection
July 2014 Rev 1
logo
Seiko Instruments Inc
S13R1 SII-S13R1 Datasheet
972Kb / 49P
   REVERSE CURRENT PROTECTION
logo
ABLIC Inc.
S-13R1 ABLIC-S-13R1 Datasheet
636Kb / 49P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR WITH REVERSE CURRENT PROTECTION
Rev.1.3_00
logo
Texas Instruments
TPS73718 TI-TPS73718 Datasheet
972Kb / 22P
[Old version datasheet]   1A Low-Dropout Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
New Japan Radio
NJM11100 NJRC-NJM11100 Datasheet
5Mb / 20P
   Adjustable Low Dropout Regulator w/Reverse Current Protection
Ver.2015-02-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com