Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASW320 Datasheet(PDF) 5 Page - Advanced Semiconductor Business Inc.

Part # ASW320
Description  5 ~ 3000 MHz MMIC Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASW320 Datasheet(HTML) 5 Page - Advanced Semiconductor Business Inc.

  ASW320_17 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASW320_17 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASW320_17 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASW320_17 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASW320_17 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASW320_17 Datasheet HTML 6Page - Advanced Semiconductor Business Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
ASB Inc.
 sales@asb.co.kr  Tel: +82-42-528-7225
April 2017
ASW320
5 ~ 3000 MHz MMIC Amplifier
1) OIP3 is measured with two tones at an output power of +7 dBm/tone separated
by 1 MHz.
0
500
1000
1500
2000
2500
3000
3500
0
1
2
3
4
5
Frequency (MHz)
0
100
200
300
400
500
600
700
-20
-15
-10
-5
0
Frequency (MHz)
0
100
200
300
400
500
600
700
0
5
10
15
20
25
30
Frequency (MHz)
0
100
200
300
400
500
600
700
-20
-15
-10
-5
0
Frequency (MHz)
Board Layout (FR4, 40x40 mm2, 0.8T)
Schematic
S-parameters & K-factor
APPLICATION CIRCUIT
Frequency (MHz)
30
600
Magnitude S21 (dB)
23.0
22.7
Magnitude S11 (dB)
-10
-16
Magnitude S22 (dB)
-9
-10
Output P1dB (dBm)
26
26
Output IP31) (dBm)
40.0
39.5
Noise Figure (dB)
2.6
2.6
Device Voltage (V)
+8
+8
Current (mA)
135
135
IF
30 ~ 600 MHz
+8 V
C1=1 nF
C2=1 nF
Vs=8 V
RF IN
RF OUT
C3=100pF
C4=1
F
ASW320
L1=1
H
L2=5.6 nH
R1=1.2 k


Similar Part No. - ASW320_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASW320 ASB-ASW320 Datasheet
397Kb / 5P
   5 ~ 3000 MHz MMIC Amplifier
October 2012
More results

Similar Description - ASW320_17

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor ...
ASL13W ASB-ASL13W_13 Datasheet
863Kb / 15P
   5-3000 MHz MMIC Amplifier
November 2012
ASF255 ASB-ASF255 Datasheet
433Kb / 6P
   5-3000 MHz MMIC Amplifier
September 2012
ASL13C ASB-ASL13C Datasheet
277Kb / 4P
   5-3000 MHz MMIC Amplifier
October 2012
ASL13C ASB-ASL13C_15 Datasheet
1Mb / 13P
   5 ~ 3000 MHz MMIC Amplifier
December 2014
ASF255 ASB-ASF255_17 Datasheet
527Kb / 8P
   5 ~ 3000 MHz MMIC Amplifier
February 2017
ASW101 ASB-ASW101 Datasheet
412Kb / 6P
   5-3000 MHz MMIC Amplifier
February 2010
ASL13W ASB-ASL13W Datasheet
927Kb / 14P
   5-3000 MHz MMIC Amplifier
April 2012
ASW320 ASB-ASW320 Datasheet
397Kb / 5P
   5 ~ 3000 MHz MMIC Amplifier
October 2012
ASX401 ASB-ASX401 Datasheet
3Mb / 33P
   250-3000 MHz MMIC Amplifier
September 2012
ASX620 ASB-ASX620 Datasheet
654Kb / 8P
   250-3000 MHz MMIC Amplifier
September 2012
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com