Electronic Components Datasheet Search |
|
S-13R1A35-M5T1U3 Datasheet(PDF) 1 Page - Seiko Instruments Inc |
|
S-13R1A35-M5T1U3 Datasheet(HTML) 1 Page - Seiko Instruments Inc |
1 / 49 page S-13R1 Series REVERSE CURRENT PROTECTION www.sii-ic.com CMOS VOLTAGE REGULATOR © SII Semiconductor Corporation, 2012-2014 Rev.1.2_01 1 The S-13R1 Series, developed by using the CMOS technology, is a positive voltage regulator IC of 150 mA output current, which has low dropout voltage, high-accuracy output voltage and low current consumption. Even with low current consumption of 5 μA typ., it has high ripple-rejection of 70 dB typ., and a ceramic capacitor of 1.0 μF or more can be used as the input and output capacitors. The S-13R1 Series includes an overcurrent protection circuit that prevents the load current from exceeding the current capacity of the output transistor and a thermal shutdown circuit that prevents damage because of overheating. Due to the built-in reverse current protection function, the reverse current flowing from the VOUT pin to the VIN pin can be controlled as the small value 0.09 μA max. Therefore, IC protection diode is not needed. Features • Output voltage: 1.2 V to 4.0 V, selectable in 0.05 V step • Input voltage: 2.0 V to 5.5 V • Output voltage accuracy: ±1.0% (1.2 V to 1.45 V output product: ±15 mV) • Dropout voltage: 150 mV typ. (3.0 V output product, IOUT = 100 mA) • Current consumption: During operation: 5 μA typ., 9 μA max. During power-off: 0.1 μA typ., 1.0 μA max. • Output current: Possible to output 150 mA (VIN ≥ VOUT(S) + 1.0 V)*1 • Input and output capacitors: A ceramic capacitor of 1.0 μF or more can be used. • Ripple rejection: 70 dB typ. (3.0 V output product, f = 1.0 kHz) • Reverse current protection function: IREV = 0.09 μA max. • Built-in overcurrent protection circuit: Limits overcurrent of output transistor. • Built-in thermal shutdown circuit: Prevents damage caused by heat. • Built-in ON / OFF circuit: Ensures long battery life. • Constant current source pull-down is selectable. • Discharge shunt function is selectable. • Operation temperature range: Ta = −40°C to +85°C • Lead-free (Sn 100%), halogen-free *1. Attention should be paid to the power dissipation of the package when the output current is large. Applications • Constant-voltage power supply for battery-powered device • Constant-voltage power supply for portable equipment • Constant-voltage power supply for home electric appliance • Constant-voltage power supply for mobile phone Packages • SOT-23-5 • SC-82AB • HSNT-4 (1010) |
Similar Part No. - S-13R1A35-M5T1U3 |
|
Similar Description - S-13R1A35-M5T1U3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |