Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1267 Datasheet(PDF) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # 2SA1267
Description  TO-92S Plastic-Encapsulate Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

2SA1267 Datasheet(HTML) 2 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  2SA1267 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1267 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1267 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1267 Datasheet HTML 4Page - Jiangsu Changjiang Electronics Technology Co., Ltd 2SA1267 Datasheet HTML 5Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.cj-elec.com
2
A,Jun,2014
www.cj-elec.com
F,Aug,2017
(/(&75,&$/&+$5$&7(5,67,&6
a
T =25
unless otherwise specified
Parameter
Symbol
Test
conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
V(BR)CBO
IC=-100 μA, IE=0
-50
V
Collector-emitter breakdown voltage
V(BR)CEO
IC=-1mA, IB=0
-50
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100 μA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-50 V, IE=0
-0.1
μA
Emitter cut-off current
IEBO
VEB=-5 V, IC=0
-0.1
μA
DC current gain
hFE
VCE=-6 V, IC=-2mA
70
700
Collector-emitter saturation voltage
VCE(sat)
IC=-100mA, IB=-10mA
-0.25
V
Transition frequency
fT
VCE=-10 V, IC=-1mA, f=30MHz
80
MHz
Collector output capacitance
Cob
VCB=-10 V, IE=0, f=1kHz
3.5
pF
Noise figure
NF
VCE=-6V, IC=-0.1mA,
f=1kHZ, Rg=10 kΩ
10
dB
CLASSIFICATION OF h FE
Rank
O
Y
GR
BL
Range
70-140
120-240
200-400
300-700


Similar Part No. - 2SA1267

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SA1261 ETC-2SA1261 Datasheet
56Kb / 2P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Savantic, Inc.
2SA1261 SAVANTIC-2SA1261 Datasheet
227Kb / 3P
   Silicon PNP Power Transistors
logo
Quanzhou Jinmei Electro...
2SA1261 JMNIC-2SA1261 Datasheet
166Kb / 3P
   Silicon PNP Power Transistors
2SA1261 JMNIC-2SA1261 Datasheet
166Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2SA1261 NJSEMI-2SA1261 Datasheet
138Kb / 2P
   Silicon PNP Power Transistor
More results

Similar Description - 2SA1267

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
KSD1021 JIANGSU-KSD1021 Datasheet
507Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3195 JIANGSU-KTC3195 Datasheet
269Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA821S JIANGSU-2SA821S Datasheet
500Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC3311A JIANGSU-2SC3311A Datasheet
586Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SC4115S JIANGSU-2SC4115S Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SD2470 JIANGSU-2SD2470 Datasheet
369Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
2SA933AS JIANGSU-2SA933AS Datasheet
6Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
2SC2839 JIANGSU-2SC2839 Datasheet
805Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KSD1020 JIANGSU-KSD1020 Datasheet
486Kb / 3P
   TO-92S Plastic-Encapsulate Transistors
KTC3199 JIANGSU-KTC3199 Datasheet
2Mb / 5P
   TO-92S Plastic-Encapsulate Transistors
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com