Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-19244C50H-A8T1U Datasheet(PDF) 8 Page - Seiko Instruments Inc

Part # S-19244C50H-A8T1U
Description  FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-19244C50H-A8T1U Datasheet(HTML) 8 Page - Seiko Instruments Inc

Back Button S-19244C50H-A8T1U Datasheet HTML 4Page - Seiko Instruments Inc S-19244C50H-A8T1U Datasheet HTML 5Page - Seiko Instruments Inc S-19244C50H-A8T1U Datasheet HTML 6Page - Seiko Instruments Inc S-19244C50H-A8T1U Datasheet HTML 7Page - Seiko Instruments Inc S-19244C50H-A8T1U Datasheet HTML 8Page - Seiko Instruments Inc S-19244C50H-A8T1U Datasheet HTML 9Page - Seiko Instruments Inc S-19244C50H-A8T1U Datasheet HTML 10Page - Seiko Instruments Inc S-19244C50H-A8T1U Datasheet HTML 11Page - Seiko Instruments Inc S-19244C50H-A8T1U Datasheet HTML 12Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
FOR AUTOMOTIVE 105
°C OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244xxxH Series
Rev.3.1_00
8
4. Product name list
4. 1 S-19244xxxH Series A type
ON / OFF logic
: Active "H"
Discharge shunt function : Available
Pull-down resistor
: Available
Soft-start time
: Fixed to tSS = 1.0 ms typ.
Table 3
Output Voltage
HSOP-8A
HSOP-6
HSNT-8(2030)
Externally set
S-19244A00H-E6T1U
1.2 V
± 2.3%
S-19244A12H-E8T1U
S-19244A12H-E6T1U
S-19244A12H-A8T1U
1.8 V
± 2.3%
S-19244A18H-E8T1U
S-19244A18H-E6T1U
S-19244A18H-A8T1U
3.3 V
± 2.3%
S-19244A33H-E8T1U
S-19244A33H-E6T1U
S-19244A33H-A8T1U
5.0 V
± 2.3%
S-19244A50H-E8T1U
S-19244A50H-E6T1U
S-19244A50H-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 2 S-19244xxxH Series B type
ON / OFF logic
: Active "H"
Discharge shunt function : Available
Pull-down resistor
: Unavailable
Soft-start time
: Fixed to tSS = 1.0 ms typ.
Table 4
Output Voltage
HSOP-8A
HSOP-6
HSNT-8(2030)
Externally set
S-19244B00H-E6T1U
1.2 V
± 2.3%
S-19244B12H-E8T1U
S-19244B12H-E6T1U
S-19244B12H-A8T1U
1.8 V
± 2.3%
S-19244B18H-E8T1U
S-19244B18H-E6T1U
S-19244B18H-A8T1U
3.3 V
± 2.3%
S-19244B33H-E8T1U
S-19244B33H-E6T1U
S-19244B33H-A8T1U
5.0 V
± 2.3%
S-19244B50H-E8T1U
S-19244B50H-E6T1U
S-19244B50H-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 3 S-19244xxxH Series C type
ON / OFF logic
: Active "H"
Discharge shunt function : Unavailable
Pull-down resistor
: Available
Soft-start time
: Fixed to tSS = 1.0 ms typ.
Table 5
Output Voltage
HSOP-8A
HSOP-6
HSNT-8(2030)
Externally set
S-19244C00H-E6T1U
1.2 V
± 2.3%
S-19244C12H-E8T1U
S-19244C12H-E6T1U
S-19244C12H-A8T1U
1.8 V
± 2.3%
S-19244C18H-E8T1U
S-19244C18H-E6T1U
S-19244C18H-A8T1U
3.3 V
± 2.3%
S-19244C33H-E8T1U
S-19244C33H-E6T1U
S-19244C33H-A8T1U
5.0 V
± 2.3%
S-19244C50H-E8T1U
S-19244C50H-E6T1U
S-19244C50H-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.
4. 4 S-19244xxxH Series D type
ON / OFF logic
: Active "H"
Discharge shunt function : Unavailable
Pull-down resistor
: Unavailable
Soft-start time
: Fixed to tSS = 1.0 ms typ.
Table 6
Output Voltage
HSOP-8A
HSOP-6
HSNT-8(2030)
Externally set
S-19244D00H-E6T1U
1.2 V
± 2.3%
S-19244D12H-E8T1U
S-19244D12H-E6T1U
S-19244D12H-A8T1U
1.8 V
± 2.3%
S-19244D18H-E8T1U
S-19244D18H-E6T1U
S-19244D18H-A8T1U
3.3 V
± 2.3%
S-19244D33H-E8T1U
S-19244D33H-E6T1U
S-19244D33H-A8T1U
5.0 V
± 2.3%
S-19244D50H-E8T1U
S-19244D50H-E6T1U
S-19244D50H-A8T1U
Remark Please contact our sales office for products with specifications other than the above output voltage.


Similar Part No. - S-19244C50H-A8T1U

ManufacturerPart #DatasheetDescription
logo
ABLIC Inc.
S-19244C50H-A8T1U ABLIC-S-19244C50H-A8T1U Datasheet
1Mb / 68P
   AUTOMOTIVE, 105째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results

Similar Description - S-19244C50H-A8T1U

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S19243XXXA SII-S19243XXXA Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19253XXXH SII-S19253XXXH Datasheet
2Mb / 30P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19254XXXH SII-S19254XXXH Datasheet
2Mb / 32P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19243XXXH SII-S19243XXXH Datasheet
3Mb / 74P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S19244XXXA SII-S19244XXXA Datasheet
3Mb / 68P
   FOR AUTOMOTIVE OPERATION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com