Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89431ACNC-HBVTFz Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-89431ACNC-HBVTFz
Description  MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89431ACNC-HBVTFz Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-89431ACNC-HBVTFz Datasheet HTML 1Page - Seiko Instruments Inc S-89431ACNC-HBVTFz Datasheet HTML 2Page - Seiko Instruments Inc S-89431ACNC-HBVTFz Datasheet HTML 3Page - Seiko Instruments Inc S-89431ACNC-HBVTFz Datasheet HTML 4Page - Seiko Instruments Inc S-89431ACNC-HBVTFz Datasheet HTML 5Page - Seiko Instruments Inc S-89431ACNC-HBVTFz Datasheet HTML 6Page - Seiko Instruments Inc S-89431ACNC-HBVTFz Datasheet HTML 7Page - Seiko Instruments Inc S-89431ACNC-HBVTFz Datasheet HTML 8Page - Seiko Instruments Inc S-89431ACNC-HBVTFz Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
MINI ANALOG SERIES 0.5
μA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S-89430/89431 Series
Rev.2.1_01
4
(2) SOT-23-5
S-8943 x A C MC - xxx T2 x
IC direction in tape specifications
*1
Environmental code
U:
Lead-free (Sn 100%), halogen-free
G:
Lead-free (for details, please contact our sales office)
Product code (abbreviation)
*2
Package name (abbreviation)
MC:
SOT-23-5
Number of circuits
A:
1
Input offset voltage
0:
VIO = 10.0 mV Max.
1:
VIO = 5.0 mV Max.
*1.
Refer to the tape drawing.
*2.
Refer to “3. Product name list”.
(3) SNT-8A, TMSOP-8
S-8943 x B C xx - xxx TF U
IC direction in tape specifications
*1
Environmental code
U:
Lead-free (Sn 100%), halogen-free
Product code (abbreviation)
*2
Package name (abbreviation)
PH:
SNT-8A
FM:
TMSOP-8
Number of circuits
B:
2
Input offset voltage
0:
VIO = 10.0 mV Max.
1:
VIO = 5.0 mV Max.
*1.
Refer to the tape drawing.
*2.
Refer to “3. Product name list”.


Similar Part No. - S-89431ACNC-HBVTFz

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89431ACNC-HBVTFz SII-S-89431ACNC-HBVTFz Datasheet
1Mb / 33P
   MINI ANALOG SERIES
More results

Similar Description - S-89431ACNC-HBVTFz

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89430A SII-S-89430A Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
S89530A SII-S89530A Datasheet
981Kb / 16P
   MINI ANALOG SERIES 0.7 uA Rail-to-Rail CMOS COMPARATOR
logo
Analog Devices
OP186 AD-OP186 Datasheet
189Kb / 12P
   5 uA, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A Datasheet
47Kb / 6P
   RAIL TO RAIL CMOS OPERATIONAL AMPLIFIER
logo
ADL Embedded Solutions
ALD1704A ADL-ALD1704A Datasheet
79Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
2010
logo
Advanced Linear Devices
ALD1704A ALD-ALD1704A_10 Datasheet
84Kb / 9P
   RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA2348-DIE TI-OPA2348-DIE Datasheet
74Kb / 5P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1701A ALD-ALD1701A_10 Datasheet
85Kb / 9P
   MICROPOWER RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
ALD4704 ALD-ALD4704_10 Datasheet
85Kb / 9P
   QUAD RAIL-TO-RAIL CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com