Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S-89531ACNC-HCCTFG Datasheet(PDF) 7 Page - Seiko Instruments Inc

Part # S-89531ACNC-HCCTFG
Description  MINI ANALOG SERIES 0.7 uA Rail-to-Rail CMOS COMPARATOR
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89531ACNC-HCCTFG Datasheet(HTML) 7 Page - Seiko Instruments Inc

Back Button S-89531ACNC-HCCTFG Datasheet HTML 3Page - Seiko Instruments Inc S-89531ACNC-HCCTFG Datasheet HTML 4Page - Seiko Instruments Inc S-89531ACNC-HCCTFG Datasheet HTML 5Page - Seiko Instruments Inc S-89531ACNC-HCCTFG Datasheet HTML 6Page - Seiko Instruments Inc S-89531ACNC-HCCTFG Datasheet HTML 7Page - Seiko Instruments Inc S-89531ACNC-HCCTFG Datasheet HTML 8Page - Seiko Instruments Inc S-89531ACNC-HCCTFG Datasheet HTML 9Page - Seiko Instruments Inc S-89531ACNC-HCCTFG Datasheet HTML 10Page - Seiko Instruments Inc S-89531ACNC-HCCTFG Datasheet HTML 11Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
MINI ANALOG SERIES
0.7
μA Rail-to-Rail CMOS COMPARATOR
Rev.4.1_01
S-89530A/89531A Series
7
Measurement Circuits
1. Power supply voltage rejection ratio
+
VOUT
VDD
VIN
0.45 V
Figure 6
The power supply voltage rejection ratio (PSRR) is
calculated by the following expression, with the value of
VIO measured at each VDD.
Measurement conditions:
When VDD
= 0.9 V: VDD = VDD1, VIO = VIO1
When VDD
= 5.5 V: VDD = VDD2, VIO = VIO2


=
IO2
IO1
DD2
DD1
V
V
V
V
20log
PSRR
2. Input offset voltage
+
VOUT
VDD
VIN
VCMR
= VDD/2
Figure 7
Input offset voltage (VIO)
The input offset voltage (VIO) is defined as VIN at which
VOUT changes by changing VIN.


Similar Part No. - S-89531ACNC-HCCTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89531ACNC-HCCTFG SII-S-89531ACNC-HCCTFG Datasheet
270Kb / 16P
   MINI ANALOG SERIES 0.7 關A Rail-to-Rail CMOS COMPARATOR
More results

Similar Description - S-89531ACNC-HCCTFG

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89530A SII-S-89530A Datasheet
270Kb / 16P
   MINI ANALOG SERIES 0.7 關A Rail-to-Rail CMOS COMPARATOR
S89430 SII-S89430 Datasheet
1Mb / 33P
   MINI ANALOG SERIES 0.5 uA Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
logo
Nisshinbo Micro Devices...
NJU7725X NISSHINBO-NJU7725X Datasheet
2Mb / 31P
   High-Speed, Rail-to-Rail Input, CMOS Comparator
June 30, 2022 Ver.0.3
logo
Seiko Instruments Inc
S-89430A SII-S-89430A Datasheet
472Kb / 23P
   MINI ANALOG SERIES 0.5 關A Rail-to-Rail CMOS OPERATIONAL AMPLIFIER
logo
Global Mixed-mode Techn...
G1335 GMT-G1335 Datasheet
160Kb / 1P
   Rail-to-Rail CMOS Comparator with Open-Drain Output
logo
STMicroelectronics
TSM221 STMICROELECTRONICS-TSM221 Datasheet
90Kb / 11P
   DUAL CMOS RAIL TO RAIL OPERATIONAL AMPLIFIER AND DUAL CMOS COMPARATOR
logo
Analog Devices
OP186 AD-OP186 Datasheet
189Kb / 12P
   5 uA, Rail-to-Rail Output Operational Amplifier
REV. 0
logo
Texas Instruments
TLV3502-Q1 TI1-TLV3502-Q1_14 Datasheet
1,007Kb / 23P
[Old version datasheet]   Rail-to-Rail High-Speed Comparator
logo
Global Mixed-mode Techn...
G1336B GMT-G1336B Datasheet
78Kb / 1P
   Rail-to-Rail CMOS Comparator Adjustable Different Charge/Discharge Time
logo
Texas Instruments
LMV7219 TI1-LMV7219 Datasheet
1Mb / 25P
[Old version datasheet]   Comparator with Rail-to-Rail Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com